Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
23
If the Node ID is 11h 22h 33h 44h 55h 66h, then the magic frame’s
format is similar to the following:
Destination address + source address + MISC + FF FF FF FF FF FF +
MISC + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11
22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44
55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11
22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44
55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + MISC + CRC
4
R/W
LinkUp
Link Up: This bit is valid when the PWEn bit of CONFIG1 register is
set. The RTL8101L, in adequate power state, will assert the PMEB
signal to wakeup the operating system when the cable connection is
re-established.
3-1
-
-
Reserved
2
R
CLKRUN_En
CLKRUN Enable:
1: Enable CLKRUN
0: Disable CLKRUN
1
-
-
Reserved
0
R
FBtBEn
Fast Back to Back Enable: Set to 1 to enable Fast Back to Back.
5.14 CONFIG 4: Configuration Register4
(Offset 005Ah, R/W)
Bit
R/W
Symbol
Description
7
R/W
RxFIFOAutoClr
Set to 1, the RTL8101L will clear the Rx FIFO overflow automatically.
6
R/W
AnaOff
Analog Power Off: This bit can not be auto-loaded from EEPROM
(93C46).
1: Turn off the analog power of the RTL8101L internally.
0: Normal working state. This is also power-on default value.
5
R/W
LongWF
Long Wake-up Frame: The initial value comes from EEPROM
autoload.
Set to 1: The RTL8101L supports up to 5 wake-up frames, each with
16-bit CRC algorithm for MS Wakeup Frame, the low byte of 16-bit
CRC should be placed at the correspondent CRC register, and the high
byte of 16-bit CRC should be placed at the correspondent LSBCRC
register. The wake-up frame 0 and 1 are the same as above, except that
the masked bytes start from offset 0 to 63. The wake-up frame 2 and 3
are merged into one long wake-up frame respectively with masked bytes
selected from offset 0 to 127. The wake-up frame 4 and 5, 6 and 7 are
merged respectively into another 2 long wake-up frames. Please refer to
7.4 PCI Power Management functions for detailed description.
Set to 0: The RTL8101L supports up to 8 wake-up frames, each with
masked bytes selected from offset 12 to 75.
4
R/W
LWPME
LANWAKE vs PMEB:
Set to 1: The LWAKE can only be asserted when the PMEB is asserted
and the ISOLATEB is low.
Set to 0: The LWAKE and PMEB are asserted at the same time.
3
-
-
Reserved
2
R/W
LWPTN
LWAKE pattern: Please refer to LWACT bit in CONFIG1 register.
1
-
-
Reserved
0
R/W
PBWakeup
Pre-Boot Wakeup: The initial value comes from EEPROM autoload.
1: Pre-Boot Wakeup disabled. (suitable for CardBus and MiniPCI
applications)
0: Pre-Boot Wakeup enabled.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com