Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
22
ANE = 0 &
half-duplex mode
-
invalid
NWAY FLY mode: NWAY with flow control capability
NWAY mode only: NWAY without flow control capability
6
R/W
RXFCE
RX Flow control Enable: The flow control is enabled in full-duplex
mode only. The default value comes from 93C46.
5
-
-
Reserved
4
R
Aux_Status
Aux. Power present Status:
1: The Aux. Power is present.
0: The Aux. Power is absent.
The value of this bit is fixed after each PCI reset.
3
R
SPEED_10
Speed: Set, when current media is 10 Mbps mode. Reset, when current
media is 100 Mbps mode.
2
R
LINKB
Inverse of Link status. 0 = Link OK. 1 = Link Fail.
1
R
TXPF
Transmit Pause Flag: Set, when RTL8101L sends pause packet. Reset,
when RTL8101L sends a timer done packet.
0
R
RXPF
Receive Pause Flag: Set, when RTL8101L is in backoff state because a
pause packet was received. Reset, when pause state is clear.
5.13 CONFIG 3: Configuration Register3
(Offset 0059h, R/W)
Bit
R/W
Symbol
Description
7
R
GNTSel
Gnt Select: Select the Frame’s asserted time after the Grant signal has
been asserted. The Frame and Grant are the PCI signals.
1: delay one clock from GNT assertion.
0: No delay
6
R/W
PARM_En
Parameter Enable: (Used in 100Mbps mode only)
This set to 0 and the 9346CR register EEM1=EEM0=1 will enable the
PHY1_PARM,PHY2_PARM,and TW_PARMregistersto be writtenviasoftware.
This set to 1 will allow parameters to be auto-loaded from the 93C46
and disable writing to the PHY1_PARM, PHY2_PARM and
TW_PARM registers via software.
The PHY1_PARM and PHY2_PARM can be auto-loaded from the
EEPROM in this mode. The parameter auto-load process is executed
every time the Link is OK in 100Mbps mode.
5
R/W
Magic
Magic Packet: This bit is valid when the PWEn bit of the CONFIG1
register is set. The RTL8101L will assert the PMEB signal to wakeup the
operating system when the Magic Packet is received.
Once the RTL8101L has been enabled for Magic Packet wakeup and
has been put into adequate state, it scans all incoming packets addressed
to the node for a specific data sequence, which indicates to the controller
that this is a Magic Packet frame. A Magic Packet frame must also meet
the basic requirements of:
Destination address + Source address + data + CRC
The destination address may be the node ID of the receiving station or a
multicast address, which includes the broadcast address.
The specific sequence consists of 16 duplications of 6 byte ID registers,
with no breaks or interrupts. This sequence can be located anywhere
within the packet, but must be preceded by a synchronization stream, 6
bytes of FFh. The device will also accept a multicast address, as long as
the 16 duplications of the IEEE address match the address of the ID
registers.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com