Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
21
(Offset 0052h, R/W)
Bit
R/W
Symbol
Description
7-6
R/W
LEDS1-0
Refer to LED PIN definition. These bits initial value come from 93C46.
5
R/W
DVRLOAD
Driver Load: Software may use this bit to make sure that the driver has been
loaded. Writing 1 is 1. Writing 0 is 0. When the command register bits IOEN,
MEMEN, and BMEN of the PCI configuration space are written, the RTL8101L
will clear this bit automatically.
LWAKE active mode: The LWACT bit and LWPTN bit in CONFIG4 register
are used to program the LWAKE pin’s output signal. According to the
combination of these two bits, there may be 4 choices of LWAKE signal, i.e.,
active high, active low, positive (high) pulse, and negative (low) pulse. The output
pulse width is about 150ms.
The default value of each of these two bits is 0, i.e., the default output signal of
LWAKE pin is an active high signal.
LWACT
LWAKE output
0
1
0
Active high*
Active low
LWPTN
1
Positive pulse
Negative pulse
4
R/W
LWACT
* Default value.
3
R
MEMMAP
Memory Mapping: The operational registers are mapped into PCI memory space.
2
R
IOMAP
I/O Mapping: The operational registers are mapped into PCI I/O space.
1
R/W
VPD
Set to enable Vital Product Data: The VPD data is stored in 93C46 from within
offset 40h-7Fh.
0
R/W
PMEn
Power Management Enable:
Writable only when 93C46CR register EEM1=EEM0=1
Let A denote the New_Cap bit (bit 4 of the Status Register) in the PCI
Configuration space offset 06H.
Let B denote the Cap_Ptr register in the PCI Configuration space offset 34H.
Let C denote the Cap_ID (power management) register in the PCI Configuration
space offset 50H.
Let D denote the power management registers in the PCI Configuration space
offset from 52H to 57H.
Let E denote the Next_Ptr (power management) register in the PCI Configuration
space offset 51H.
PMEn Description
0
A=B=C=E=0, D not valid
1
A=1, B=50h, C=01h, D valid, E=0
5.12 Media Status Register
(Offset 0058h, R/W)
Bit
R/W
Symbol
Description
7
R/W
TXFCE/
LdTXFCE
Tx Flow Control Enable: The flow control is valid in full-duplex mode
only. This register’s default value comes from 93C46.
RTL8101L
Remote
TXFCE/LdTXFCE
ANE = 1
NWAY FLY mode
R/O
ANE = 1
NWAY mode only
R/W
ANE = 1
No NWAY
R/W
ANE = 0 &
full-duplex mode
-
R/W


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com