Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
19
15-13
R/W
RXFTH2, 1, 0
Rx FIFO Threshold: Specifies Rx FIFO Threshold level. When the
number of the received data bytes from a packet, which is being received
into the RTL8101L's Rx FIFO, has reached to this level (or the FIFO has
contained a complete packet), the receive PCI bus master function will
begin to transfer the data from the FIFO to the host memory. This field sets
the threshold level according to the following table:
000 = 16 bytes
001 = 32 bytes
010 = 64 bytes
011 = 128 bytes
100 = 256 bytes
101 = 512 bytes
110 = 1024 bytes
111 = no rx threshold. The RTL8101L begins the transfer of data after
having received a whole packet in the FIFO.
12-11
R/W
RBLEN1, 0
Rx Buffer Length: This field indicates the size of the Rx ring buffer.
00 = 8k + 16 byte
01 = 16k + 16 byte
10 = 32K + 16 byte
11 = 64K + 16 byte
10-8
R/W
MXDMA2, 1, 0
Max DMA Burst Size per Rx DMA Burst: This field sets the maximum
size of the receive DMA data bursts according to the following table:
000 = 16 bytes
001 = 32 bytes
010 = 64 bytes
011 = 128 bytes
100 = 256 bytes
101 = 512 bytes
110 = 1024 bytes
111 = unlimited
7
R/W
WRAP
When set to 0: The RTL8101L will transfer the rest of the packet data
into the beginning of the Rx buffer if this packet has not been completely
moved into the Rx buffer and the transfer has arrived at the end of the Rx
buffer.
When set to 1: The RTL8101L will keep moving the rest of the packet
data into the memory immediately after the end of the Rx buffer, if this
packet has not been completely moved into the Rx buffer and the transfer
has arrived at the end of the Rx buffer. The software driver must reserve
at least 1.5K bytes buffer to accept the remainder of the packet. We
assume that the remainder of the packet is X bytes. The next packet will
be moved into the memory from the X byte offset at the top of the Rx
buffer.
This bit is invalid when Rx buffer is selected to 64K bytes.
6
-
-
Reserved
5
R/W
AER
Accept Error Packet: When set to 1, all packets with CRC error,
alignment error, and/or collided fragments will be accepted. When set to
0, all packets with CRC error, alignment error, and/or collided fragments
will be rejected.
4
R/W
AR
Accept Runt: This bit allows the receiver to accept packets that are
smaller than 64 bytes. The packet must be at least 8 bytes long to be
accepted as a runt. Set to 1 to accept runt packets.
3
R/W
AB
Accept Broadcast packets: Set to 1 to accept, 0 to reject.
2
R/W
AM
Accept Multicast packets: Set to 1 to accept, 0 to reject.
1
R/W
APM
Accept Physical Match packets: Set to 1 to accept, 0 to reject.
0
R/W
AAP
Accept All Packets: Set to 1 to accept all packets with a physical


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com