Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
17
10-8
R/W
MXDMA2, 1, 0
Max DMA Burst Size per Tx DMA Burst: This field sets the maximum
size of transmit DMA data bursts according to the following table:
000 = 16 bytes
001 = 32 bytes
010 = 64 bytes
011 = 128 bytes
100 = 256 bytes
101 = 512 bytes
110 = 1024 bytes
111 = 2048 bytes
7-4
R/W
TXRR
Tx Retry Count: These are used to specify additional transmission
retries in multiple of 16(IEEE 802.3 CSMA/CD retry count). If the
TXRR is set to 0, the transmitter will re-transmit 16 times before
aborting due to excessive collisions. If the TXRR is set to a value greater
than 0, the transmitter will re-transmit a number of times equals to the
following formula before aborting:
Total retries = 16 + (TXRR * 16)
The TER bit in the ISR register or transmit descriptor will be set when
the transmission fails and reaches to this specified retry count.
3-1
-
-
Reserved
0
W
CLRABT
Clear Abort: Setting this bit to 1 causes the RTL8101L to retransmit the
packet at the last transmitted descriptor when this transmission was
aborted, Setting this bit is only permitted in the transmit abort state.
5.8 Receive Configuration Register
(Offset 0044h-0047h, R/W)
This register is used to set the receive configuration for the RTL8101L. Receive properties such as accepting error packets, runt
packets, setting the receive drain threshold etc. are controlled here.
Bit
R/W
Symbol
Description
31-28
-
-
Reserved
27-24
R/W
ERTH3, 2, 1, 0
Early Rx Threshold Bits: These bits are used to select the Rx threshold
multiplier of the whole packet that has been transferred to the system
buffer in early mode when the frame protocol is under the RTL8101L's
definition.
0000 = no early rx threshold
0001 = 1/16
0010 = 2/16
0011 = 3/16
0100 = 4/16
0101 = 5/16
0110 = 6/16
0111 = 7/16
1000 = 8/16
1001 = 9/16
1010 = 10/16
1011 = 11/16
1100 = 12/16
1101 = 13/16
1110 = 14/16
1111 = 15/16
23-18
-
-
Reserved
17
R/W
MulERINT
Multiple Early Interrupt Select: When this bit is set, any received
packet invokes early interrupt according to MULINT<MISR[11:0]>
setting in early mode. When this bit is reset, the packets of familiar
protocols (IPX, IP, NDIS, etc) invoke an early interrupt according to
RCR<ERTH[3:0]> setting in early mode. The packets of unfamiliar
protocols will invoke an early interrupt according to the setting of
MULINT<MISR[11:0]>.
16
R/W
RER8
The RTL8101L receives the error packet whose length is larger than 8
bytes after setting the RER8 bit to 1.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com