Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
15
3
R/W
RE
Receiver Enable: When set to 1, and the receive state machine is idle,
the receive machine becomes active. This bit will read back as a 1
whenever the receive state machine is active. After initial power-up,
software must insure that the receiver has completely reset before setting
this bit.
2
R/W
TE
Transmitter Enable: When set to 1, and the transmit state machine is
idle, then the transmit state machine becomes active. This bit will read
back as a 1 whenever the transmit state machine is active. After initial
power-up, software must insure that the transmitter has completely reset
before setting this bit.
1
-
-
Reserved
0
R
BUFE
Buffer Empty: Rx Buffer Empty. There is no packet stored in the Rx
buffer ring.
5.5 Interrupt Mask Register
(Offset 003Ch-003Dh, R/W)
Bit
R/W
Symbol
Description
15
R/W
SERR
System error Interrupt: 1 => Enable, 0 => Disable.
14
R/W
TimeOut
Time Out Interrupt: 1 => Enable, 0 => Disable.
13
R/W
LenChg
Cable Length Change Interrupt: 1 => Enable, 0 => Disable.
12-7
-
-
Reserved
6
R/W
FOVW
Rx FIFO Overflow Interrupt: 1 => Enable, 0 => Disable.
5
R/W
PUN/LinkChg
Packet Underrun/Link Change Interrupt: 1 => Enable, 0 => Disable.
4
R/W
RXOVW
Rx Buffer Overflow Interrupt: 1 => Enable, 0 => Disable.
3
R/W
TER
Transmit error Interrupt: 1 => Enable, 0 => Disable.
2
R/W
TOK
Transmit OK Interrupt: 1 => Enable, 0 => Disable.
1
R/W
RER
Receive Error Interrupt: 1 => Enable, 0 => Disable.
0
R/W
ROK
Receive OK Interrupt: 1 => Enable, 0 => Disable.
5.6 Interrupt Status Register
(Offset 003Eh-003Fh, R/W)
This register indicates the source of an interrupt when the INTA pin goes active. Enabling the corresponding bits in the Interrupt
Mask Register (IMR) allows bits in this register to produce an interrupt. When an interrupt is active, one of more bits in this
register are set to a “1”. The interrupt Status Register reflects all current pending interrupts, regardless of the state of the
corresponding mask bit in the IMR. Reading the ISR clears all interrupts. Writing to the ISR has no effect.
Bit
R/W
Symbol
Description
15
R/W
SERR
System Error: Set to 1 when the RTL8101L signals a system error on
the PCI bus.
14
R/W
TimeOut
Time Out: Set to 1 when the TCTR register reaches to the value of the
TimerInt register.
13
R/W
LenChg
Cable Length Change: Cable length is changed after Receiver is enabled.
12 - 7
-
-
Reserved
6
R/W
FOVW
Rx FIFO Overflow: Set when an overflow occurs on the Rx status FIFO.
5
R/W
PUN/LinkChg
Packet Underrun/Link Change: Set to 1 when CAPR is written but Rx
buffer is empty, or when link status is changed.
4
R/W
RXOVW
Rx Buffer Overflow: Set when receive (Rx) buffer ring storage
resources have been exhausted.
3
R/W
TER
Transmit (Tx) Error: Indicates that a packet transmission was aborted,


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com