Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
14
These fields count from 000001 to 111111 in unit of 32 bytes.
This threshold must avoid exceeding 2K bytes.
15
R
TOK
Transmit OK: Set to 1 indicates that the transmission of a packet was
completed successfully and no transmit underrun has occurred.
14
R
TUN
Transmit FIFO Underrun: Set to 1 if the Tx FIFO was exhausted
during the transmission of a packet. The RTL8101L can re-transfer data
if the Tx FIFO underruns and can also transmit the packet to the wire
successfully even though the Tx FIFO underruns. That is, when
TSD<TUN>=1, TSD<TOK>=0 and ISR<TOK>=1 (or ISR<TER>=1).
13
R/W
OWN
OWN: The RTL8101L sets this bit to 1 when the Tx DMA operation of
this descriptor was completed. The driver must set this bit to 0 when the
Transmit Byte Count (bits 0-12) is written. The default value is 1.
12-0
R/W
SIZE
Descriptor Size: The total size in bytes of the data in this descriptor. If
the packet length is more than 1792 byte (0700h), the Tx queue will be
invalid, i.e. the next descriptor will be written only after the OWN bit of
that long packet's descriptor has been set.
5.3 ERSR: Early Rx Status Register
(Offset 0036h, R)
Bit
R/W
Symbol
Description
7-4
-
-
Reserved
3
R
ERGood
Early Rx Good packet: This bit is set whenever a packet is completely
received and the packet is good. Writing a 1 to this bit will clear it.
2
R
ERBad
Early Rx Bad packet: This bit is set whenever a packet is completely
received and the packet is bad. Writing a 1 to this bit will clear it.
1
R
EROVW
Early Rx OverWrite: This bit is set when the RTL8101L's local
address pointer is equal to CAPR. In the early mode, this is different
from buffer overflow. It happens that the RTL8101L detected an Rx
error and wanted to fill another packet data from the beginning address
of that error packet. Writing a 1 to this bit will clear it.
0
R
EROK
Early Rx OK: The power-on value is 0. It is set when the Rx byte count
of the arriving packet exceeds the Rx threshold. After the whole packet is
received, the RTL8101L will set ROK or RER in ISR and clear this bit
simultaneously. Setting this bit will invoke a ROK interrupt.
5.4 Command Register
(Offset 0037h, R/W)
This register is used for issuing commands to the RTL8101L. These commands are issued by setting the corresponding bits for the
function. A global software reset along with individual reset and enable/disable for transmitter and receiver are provided here.
Bit
R/W
Symbol
Description
7-5
-
-
Reserved
4
R/W
RST
Reset: Setting to 1 forces the RTL8101L to a software reset state which
disables the transmitter and receiver, reinitializes the FIFOs, resets the
system buffer pointer to the initial value (Tx buffer is at TSAD0, Rx
buffer is empty). The values of IDR0-5 and MAR0-7 and PCI
configuration space will have no changes. This bit is 1 during the reset
operation, and is cleared to 0 by the RTL8101L when the reset operation
is complete.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com