Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
12
0051h
R/W
CONFIG0
Configuration Register 0
0052h
R/W
CONFIG1
Configuration Register 1
0053H
-
-
Reserved
0054h-0057h
R /W
TimerInt
Timer Interrupt Register: Once having written a nonzero value to
this register, the Timeout bit of the ISR register will be set whenever
the TCTR reaches to this value. The Timeout bit will never be set as
long as the TimerInt register is zero.
0058h
R/W
MSR
Media Status Register
0059h
R/W
CONFIG3
Configuration register 3
005Ah
R/W
CONFIG4
Configuration register 4
005Bh
-
-
Reserved
005Ch-005Dh
R/W
MULINT
Multiple Interrupt Select
005Eh
R
RERID
PCI Revision ID = 10h.
005Fh
-
-
Reserved.
0060h-0061h
R
TSAD
Transmit Status of All Descriptors
0062h-0063h
R/W
BMCR
Basic Mode Control Register
0064h-0065h
R
BMSR
Basic Mode Status Register
0066h-0067h
R/W
ANAR
Auto-Negotiation Advertisement Register
0068h-0069h
R
ANLPAR
Auto-Negotiation Link Partner Register
006Ah-006Bh
R
ANER
Auto-Negotiation Expansion Register
006Ch-006Dh
R
DIS
Disconnect Counter
006Eh-006Fh
R
FCSC
False Carrier Sense Counter
0070h-0071h
R/W
NWAYTR
N-way Test Register
0072h-0073h
R
REC
RX_ER Counter
0074h-0075h
R/W
CSCR
CS Configuration Register
0076-0077h
-
-
Reserved.
0078h-007Bh
R/W
PHY1_PARM
PHY parameter 1
007Ch-007Fh
R/W
TW_PARM
Twister parameter
0080h
R/W
PHY2_PARM
PHY parameter 2
0081-0083h
-
-
Reserved
0084h
R/W
CRC0
Power Management CRC register0 for wakeup frame 0
0085h
R/W
CRC1
Power Management CRC register1 for wakeup frame 1
0086h
R/W
CRC2
Power Management CRC register2 for wakeup frame 2
0087h
R/W
CRC3
Power Management CRC register3 for wakeup frame 3
0088h
R/W
CRC4
Power Management CRC register4 for wakeup frame 4
0089h
R/W
CRC5
Power Management CRC register5 for wakeup frame 5
008Ah
R/W
CRC6
Power Management CRC register6 for wakeup frame 6
008Bh
R/W
CRC7
Power Management CRC register7 for wakeup frame 7
008Ch–0093h
R/W
Wakeup0
Power Management wakeup frame0 (64bit)
0094h–009Bh
R/W
Wakeup1
Power Management wakeup frame1 (64bit)
009Ch–00A3h
R/W
Wakeup2
Power Management wakeup frame2 (64bit)
00A4h–00ABh
R/W
Wakeup3
Power Management wakeup frame3 (64bit)
00ACh–00B3h
R/W
Wakeup4
Power Management wakeup frame4 (64bit)
00B4h–00BBh
R/W
Wakeup5
Power Management wakeup frame5 (64bit)
00BCh–00C3h
R/W
Wakeup6
Power Management wakeup frame6 (64bit)
00C4h–00CBh
R/W
Wakeup7
Power Management wakeup frame7 (64bit)
00CCh
R/W
LSBCRC0
LSB of the mask byte of wakeup frame0 within offset 12 to 75
00CDh
R/W
LSBCRC1
LSB of the mask byte of wakeup frame1 within offset 12 to 75
00CEh
R/W
LSBCRC2
LSB of the mask byte of wakeup frame2 within offset 12 to 75
00CFh
R/W
LSBCRC3
LSB of the mask byte of wakeup frame3 within offset 12 to 75
00D0h
R/W
LSBCRC4
LSB of the mask byte of wakeup frame4 within offset 12 to 75
00D1h
R/W
LSBCRC5
LSB of the mask byte of wakeup frame5 within offset 12 to 75
00D2h
R/W
LSBCRC6
LSB of the mask byte of wakeup frame6 within offset 12 to 75


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com