Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
11
5. Ethernet Controller Register Descriptions
The RTL8101L provides the following set of operational registers mapped into PCI memory space or I/O space.
Ethernet Registers
Offset
R/W
Tag
Description
0000h
R/W
IDR0
ID Register 0: ID registers 0-5 are only permitted to read/write by
4-byte access. Read access can be byte, word, or double word access.
The initial value is autoloaded from EEPROM EthernetID field.
0001h
R/W
IDR1
ID Register 1
0002h
R/W
IDR2
ID Register 2
0003h
R/W
IDR3
ID Register 3
0004h
R/W
IDR4
ID Register 4
0005h
R/W
IDR5
ID Register 5
0006h-0007h
-
-
Reserved
0008h
R/W
MAR0
Multicast Register 0: The MAR register0-7 are only permitted to
read/write by 4-byte access. Read access can be byte, word, or double
word access. Driver is responsible for initializing these registers.
0009h
R/W
MAR1
Multicast Register 1
000Ah
R/W
MAR2
Multicast Register 2
000Bh
R/W
MAR3
Multicast Register 3
000Ch
R/W
MAR4
Multicast Register 4
000Dh
R/W
MAR5
Multicast Register 5
000Eh
R/W
MAR6
Multicast Register 6
000Fh
R/W
MAR7
Multicast Register 7
0010h-0013h
R/W
TSD0
Transmit Status of Descriptor 0
0014h-0017h
R/W
TSD1
Transmit Status of Descriptor 1
0018h-001Bh
R/W
TSD2
Transmit Status of Descriptor 2
001Ch-001Fh
R/W
TSD3
Transmit Status of Descriptor 3
0020h-0023h
R/W
TSAD0
Transmit Start Address of Descriptor 0
0024h-0027h
R/W
TSAD1
Transmit Start Address of Descriptor 1
0028h-002Bh
R/W
TSAD2
Transmit Start Address of Descriptor 2
002Ch-002Fh
R/W
TSAD3
Transmit Start Address of Descriptor 3
0030h-0033h
R/W
RBSTART
Receive (Rx) Buffer Start Address
0034h-0035h
R
ERBCR
Early Receive (Rx) Byte Count Register
0036h
R
ERSR
Early Rx Status Register
0037h
R/W
CR
Command Register
0038h-0039h
R/W
CAPR
Current Address of Packet Read
003Ah-003Bh
R
CBR
Current Buffer Address: The initial value is 0000h. It reflects total
received byte-count in the Rx buffer.
003Ch-003Dh
R/W
IMR
Interrupt Mask Register
003Eh-003Fh
R/W
ISR
Interrupt Status Register
0040h-0043h
R/W
TCR
Transmit (Tx) Configuration Register
0044h-0047h
R/W
RCR
Receive (Rx) Configuration Register
0048h-004Bh
R/W
TCTR
Timer
CounT Register: This register contains a 32-bit
general-purpose timer. Writing any value to this 32-bit register will
reset the original timer and begin to count from zero.
004Ch-004Fh
R/W
MPC
Missed Packet Counter: Indicates the number of packets discarded
due to Rx FIFO overflow. It is a 24-bit counter. After s/w reset, MPC is
cleared. Only the lower 3 bytes are valid.
When written any value, MPC will be reset also.
0050h
R/W
9346CR
93C46 Command Register


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com