Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8100 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # RTL8100
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button RTL8100 Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
41
7.4 PCI Power Management Functions
The RTL8100B(L) is compliant to ACPI (Rev 1.1), PCI Power Management (Rev 1.1), and Device Class Power Management
Reference Specification (V1.0a), such as to support an OS Directed Power Management (OSPM) environment. To support this,
the RTL8100B(L) provides the following capabilities:
The RTL8100B(L) can monitor the network for a Wakeup Frame, a Magic Packet, or a Link Change, and notify the
system via PME# when such a packet or event arrives. Then, the whole system can be restored to a working state to
process the incoming jobs.
The RTL8100B(L) can be isolated from the PCI bus automatically with the auxiliary power circuit when the PCI bus is
in B3 state, i.e. the power on the PCI bus is removed. When the motherboard includes a built-in RTL8100B(L)
single-chip fast Ethernet controller, the RTL8100B(L) can be disabled when needed by pulling the isolate pin low to 0V.
When the RTL8100B(L) is in power down mode (D1 ~ D3),
The Rx state machine is stopped, and the RTL8100B(L) keeps monitoring the network for wakeup event such Magic
Packet, Wakeup Frame, and/or Link Change, in order to wake up the system. When in power down mode, the
RTL8100B(L) will not reflect the status of any incoming packets in the ISR register and will not receive any packets into
the Rx FIFO.
The FIFO status and the packets which are already contained in the Rx FIFO before entering power down mode are kept
by the RTL8100B(L) during power down mode.
The transmission is stopped. The action of PCI bus master mode is stopped as well. The Tx FIFO is kept.
After restoration to D0 state, the PCI bus master mode continues to transfer the data, which is not yet moved into the Tx
FIFO from the last break. The packet that was not transmitted completely last time is transmitted again.
D3cold_support_PME bit(bit15, PMC register) & Aux_I_b2:0 (bit8:6, PMC register) in PCI configuration space.
If 9346 D3cold_support_PME bit(bit15, PMC) = 1, the above 4 bits depend on the existence of Aux power.
If 9346 D3cold_support_PME bit(bit15, PMC) = 0, the above 4 bits are all 0's.
Ex.:
1.
If 9346 D3c_support_PME = 1,
If Aux. power exists, then PMC in PCI config space is the same as 9346 PMC, i.e. if 9346 PMC = C2 F7,
then PCI PMC = C2 F7.
Aux. power is absent, then PMC in PCI config space is the same as 9346 PMC except the above 4 bits are
all 0’s. I.e. if 9346 PMC = C2 F7, the PCI PMC = 02 76.
In this case, if wakeup support is desired when the main power is off, it is suggested that the
EEPROM PMC be set to: C2 F7 (Realtek default value). It is not recommended to set the
D0_support_PME bit to “1”.
2.
If 9346 D3c_support_PME = 0,
Aux. power exists, then PMC in PCI config space is the same as 9346 PMC. I.e. if 9346 PMC = C2 77,
then PCI PMC = C2 77.
Aux. power is absent, then PMC in PCI config space is the same as 9346 PMC except the above 4 bits are
all 0’s. I.e. if 9346 PMC = C2 77, the PCI PMC = 02 76.
In this case, if wakeup support is not desired when the main power is off, it is suggested that the
9346 PMC to be 02 76. It is not recommended to set the D0_support_PME bit to “1”.
Link Wakeup occurs only when the following conditions are met:
The LinkUp bit (CONFIG3#4) is set to 1, the PMEn bit (CONFIG1#0) is set to 1, and the RTL8100B(L) is in isolation
state, or the PME# can be asserted in current power state.
The Link status is re-established.
Magic Packet Wakeup occurs only when the following conditions are met:
The destination address of the received Magic Packet matches.
The received Magic Packet does not contain a CRC error.


Similar Part No. - RTL8100

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL REALTEK-RTL8100BL Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL-GR REALTEK-RTL8100BL-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8308B ETC-RTL8308B Datasheet
397Kb / 28P
   REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com