Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTL8100
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTL8100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
3
2. General Description
The Realtek RTL8100B(L) is a highly integrated, cost-effective single-chip Fast Ethernet controller that provides 32-bit
performance, PCI bus master capability, and full compliance with IEEE 802.3u 100Base-T specifications and IEEE 802.3x Full
Duplex Flow Control. It also supports the Advanced Configuration Power management Interface (ACPI), PCI power management
for modern operating systems that are capable of Operating System Directed Power Management (OSPM) to achieve the most
efficient power management possible. The RTL8100B(L) does not support CardBus mode as the RTL8139C does.
In addition to the ACPI feature, the RTL8100B(L) also supports remote wake-up (including AMD Magic Packet, LinkChg, and
Microsoft® wake-up frame) in both ACPI and APM environments. The RTL8100B(L) is capable of performing an internal reset
through the application of auxiliary power. When auxiliary power is applied and the main power remains off, the RTL8100B(L)
is ready and waiting for the Magic Packet or Link Change to wake the system up. Also, the LWAKE pin provides 4 different
output signals including active high, active low, positive pulse, and negative pulse. The versatility of the RTL8100B(L) LWAKE
pin provides motherboards with Wake-On-LAN (WOL) functionality.
The RTL8100B(L) also supports Analog Auto-Power-down, that is, the analog part of the RTL8100B(L) can be shut down
temporarily according to user requirements or when the RTL8100B(L) is in a power down state with the wakeup function
disabled. In addition, when the analog part is shut down and the IsolateB pin is low (i.e. the main power is off), then both the
analog and digital parts stop functioning and the power consumption of the RTL8100B(L) will be negligible. The RTL8100B(L)
also supports an auxiliary power auto-detect function, and will auto-configure related bits of their own PCI power management
registers in PCI configuration space.
The PCI Vital Product Data(VPD) is also supported to provide the information that uniquely identifies hardware (i.e., the OEM
brand name of RTL8100B(L) LAN card). The information may consist of part number, serial number, and other detailed
information.
To provide cost down support, the RTL8100B(L) is capable of using a 25MHz crystal or OSC as its internal clock source.
The RTL8100B(L) keeps network maintenance costs low and eliminates usage barriers. It is the easiest way to upgrade a
network from 10 to 100Mbps. It also supports full-duplex operation, making 200Mbps bandwidth possible at no additional cost.
To improve compatibility with other brands’ products, the RTL8100B(L) is also capable of receiving packets with
InterFrameGap no less than 40 Bit-Time. The RTL8100B(L) is highly integrated and requires no “glue” logic or external
memory.


Similar Part No. - RTL8100

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL REALTEK-RTL8100BL Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL-GR REALTEK-RTL8100BL-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8308B ETC-RTL8308B Datasheet
397Kb / 28P
   REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com