Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8100 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # RTL8100
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button RTL8100 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
23
5.14 CONFIG 4: Configuration Register4
(Offset 005Ah, R/W)
Bit
R/W
Symbol
Description
7
R/W
RxFIFOAutoClr
Set to 1, the RTL8100B(L) will clear the Rx FIFO overflow
automatically.
6
R/W
AnaOff
Analog Power Off: This bit can not be auto-loaded from EEPROM
(93C46).
1: Turn off the analog power of the RTL8100B(L) internally.
0: Normal working state. This is also power-on default value.
5
R/W
LongWF
Long Wake-up Frame: The initial value comes from EEPROM
autoload.
Set to 0: The RTL8100B(L) supports up to 8 wake-up frames, each
with masked bytes selected from offset 12 to 75.
Set to 1: The RTL8100B(L) supports up to 5 wake-up frames, each
with 16-bit CRC algorithm for MS Wakeup Frame, the low byte of
16-bit CRC should be placed at the correspondent CRC register, and
the high byte of 16-bit CRC should be placed at the correspondent
LSBCRC register. The wake-up frame 0 and 1 are the same as above,
except that the masked bytes start from offset 0 to 63. The wake-up
frame 2 and 3 are merged into one long wake-up frame respectively
with masked bytes selected from offset 0 to 127. The wake-up frame 4
and 5, 6 and 7 are merged respectively into another 2 long wake-up
frames. Please refer to 7.4 PCI Power Management functions for a
detailed description.
4
R/W
LWPME
LANWAKE vs PMEB:
Set to 1: The LWAKE can only be asserted when the PMEB is
asserted and the ISOLATEB is low.
Set to 0: The LWAKE and PMEB are asserted at the same time.
3
-
-
Reserved
2
R/W
LWPTN
LWAKE pattern: Please refer to LWACT bit in CONFIG1 register.
1
-
-
Reserved
0
R/W
PBWakeup
Pre-Boot Wakeup: The initial value comes from EEPROM autoload.
1: Pre-Boot Wakeup disabled. (suitable for CardBus and MiniPCI
applications)
0: Pre-Boot Wakeup enabled.


Similar Part No. - RTL8100

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL REALTEK-RTL8100BL Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL-GR REALTEK-RTL8100BL-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8308B ETC-RTL8308B Datasheet
397Kb / 28P
   REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com