Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8100 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # RTL8100
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button RTL8100 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8100 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
22
5.13 CONFIG 3: Configuration Register3
(Offset 0059h, R/W)
Bit
R/W
Symbol
Description
7
R
GNTSel
Gnt Select: Select the Frame’s asserted time after the Grant signal has
been asserted. The Frame and Grant are the PCI signals.
1: delay one clock from GNT assertion.
0: No delay
6
R/W
PARM_En
Parameter Enable: (Used in 100Mbps mode only)
This set to 0 and the 9346CR register EEM1=EEM0=1 will enable the
PHY1_PARM, PHY2_PARM, and TW_PARM registers to be written via
software.
This set to 1 will allow parameters to be auto-loaded from the 93C46
and disable writing to the PHY1_PARM, PHY2_PARM and
TW_PARM registers via software.
The PHY1_PARM and PHY2_PARM can be auto-loaded from the
EEPROM in this mode. The parameter auto-load process is executed
every time the Link is OK in 100Mbps mode.
5
R/W
Magic
Magic Packet: This bit is valid when the PWEn bit of the CONFIG1
register is set. The RTL8100B(L) will assert the PMEB signal to
wakeup the operating system when the Magic Packet is received.
Once the RTL8100B(L) has been enabled for Magic Packet wakeup
and has been put into adequate state, it scans all incoming packets
addressed to the node for a specific data sequence, which indicates to
the controller that this is a Magic Packet frame. A Magic Packet frame
must also meet the basic requirements of:
Destination address + Source address + data + CRC
The destination address may be the node ID of the receiving station or a
multicast address, which includes the broadcast address.
The specific sequence consists of 16 duplications of 6 byte ID registers,
with no breaks or interrupts. This sequence can be located anywhere
within the packet, but must be preceded by a synchronization stream, 6
bytes of FFh. The device will also accept a multicast address, as long as
the 16 duplications of the IEEE address match the address of the ID
registers.
If the Node ID is 11h 22h 33h 44h 55h 66h, then the magic frame’s
format is similar to the following:
Destination address + source address + MISC + FF FF FF FF FF FF +
MISC + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 +
11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33
44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66
+ 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33
44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + MISC + CRC
4
R/W
LinkUp
Link Up: This bit is valid when the PWEn bit of CONFIG1 register is
set. The RTL8100B(L), in adequate power state, will assert the PMEB
signal to wakeup the operating system when the cable connection is
re-established.
3-1
-
-
Reserved
0
R
FBtBEn
Fast Back to Back Enable: Set to 1 to enable Fast Back to Back.


Similar Part No. - RTL8100

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-GR REALTEK-RTL8100B-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B-LF REALTEK-RTL8100B-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL REALTEK-RTL8100BL Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL-GR REALTEK-RTL8100BL-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8308B ETC-RTL8308B Datasheet
397Kb / 28P
   REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com