Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BEF-WN-DX50 Datasheet(PDF) 3 Page - SICK AG

Part # BEF-WN-DX50
Description  Mounting brackets and plates
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-WN-DX50 Datasheet(HTML) 3 Page - SICK AG

  BEF-WN-DX50 Datasheet HTML 1Page - SICK AG BEF-WN-DX50 Datasheet HTML 2Page - SICK AG BEF-WN-DX50 Datasheet HTML 3Page - SICK AG BEF-WN-DX50 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BEF-WN-DX50
Dimensional drawing (Dimensions in mm (inch))
41°
R5
5.7
(2
.1
9)
6.3
(0.25)
11.2
(0.44)
35 (1.38)
70 (2.76)
15
(0.59)
2.5 (0.10)
47.5 (1.87)
4
4
1
1
2
1
2
2
13.8
(0.54)
12.6
(0.50)
①  Fixing hole for Dx50 distance sensors
②  Fixing hole for Dx35 distance sensors
③  Fixing hole for universal bar clamp mounting (rod fixing)
④  Bracket fixing hole
2018-09-11 21:38:29 | Online data sheet
Subject to change without notice
| SICK
3


Similar Part No. - BEF-WN-DX50

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
1Mb / 10P
MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
More results

Similar Description - BEF-WN-DX50

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
Thru-Bolts and Mounting Brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
SLIMCAB SERIES MOUNTING BRACKETS
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com