Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW2N60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW2N60
Description  This power MOSFET is produced in CHMC with advanced VDMOS technology of SAMWIN.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW2N60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW2N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW2N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAMWIN
SW2N60
REV0.2
04.11.1
Features
N-Channel MOSFET
BV
DSS (Minimum)
R
DS(ON) (Maximum)
I
D
Qg (Typical)
P
D (@TC=25 ℃)
General Description
This power MOSFET is produced in CHMC with
advanced VDMOS technology of SAMWIN. This
technology enable power MOSFET to have better
characteristics, such as fast switching time, low on
resistance, low gate charge and especially excellent
avalanche characteristics. This power MOSFET is
usually used at high efficient DC to DC converter
block and SMPS. It’s typical application is TV and
monitor.
Absolute Maximum Ratings
Value
Units
TO-220
TO-251(2)
V
DSS
Drain to Source Voltage
600
V
Continuous Drain Current (@Tc=25℃)2.0
1.8
A
Continuous Drain Current (@Tc=100℃)
1.67
1.47
7.2
4.2
42
0.34
A
I
DM
Drain Current Pulsed
(Note 1)
8.0
A
V
GS
Gate to Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
110
mJ
E
AR
Repetitive Avalanche Energy
(Note 1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.0
V/ns
Total Power Dissipation (@Tc=25℃)
50
W
Derating Factor above 25℃
0.4
W/℃
T
STG,TJ
Operating junction temperature &Storage temperature
-55~+150
T
L
Maximum Lead Temperature for soldering purpose, 1/8 from
Case for 5 seconds.
300
P
D
I
D
Symbol
Parameter
Thermal Characteristics
℃/ W
62.5
Thermal Resistance, Junction-to-Ambient
Max
RθJA
℃/ W
0.5
Thermal Resistance, Case-to-Sink
TYP.
RθCS
℃/ W
2.9
2.4
Thermal Resistance, Junction-to-Case
Max
RθJC
TO-251(2)
TO-220
Units
Value
Parameter
Symbol
1/6
: 600 V
: 5.0 ohm
: 2.0 A
: 16 nc
: 50 W
TO-252
TO-220
G
S
D


Similar Part No. - SW2N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N60 SEMIPOWER-SW2N60 Datasheet
752Kb / 7P
   N-channel MOSFET (TO-220F , TO-220)
SW2N60 SEMIPOWER-SW2N60 Datasheet
724Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
   N-channel I-PAK/D-PAK/TO220F MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
   N-channel Enhanced mode TO-252/TO-251 MOSFET
More results

Similar Description - SW2N60

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ESD8D3.3C YFWDIODE-ESD8D3.3C Datasheet
958Kb / 4P
   ESD8D3.3C is a bidirectional low capacitance electrostatic discharge protector produced by advanced silicon circuit technology
logo
International Rectifier
IRF6610 IRF-IRF6610 Datasheet
243Kb / 9P
   HEXFET Power MOSFET Silicon Technology with the advanced DirectFETTM
logo
Cherry Semiconductor Co...
JK-0720 CHERRY-JK-0720 Datasheet
85Kb / 2P
   CHERRY JK-0720 is advanced CHERRY technology in a modern
logo
Power System Technology
PST02 PST-PST02 Datasheet
259Kb / 4P
   This range of power supplies is specially designed
PST03 PST-PST03 Datasheet
293Kb / 4P
   This range of power supplies is specially designed
PST16 PST-PST16 Datasheet
302Kb / 4P
   This range of power supplies is specially designed
EUROCARD-PST-00 PST-EUROCARD-PST-00 Datasheet
285Kb / 5P
   This range of power supplies is specially designed
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com