Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AB87 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-AB87
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AB87 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-AB87 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AB87 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Notes:
1. The reverse voltage of blue and green is equivalent to the forward voltage of the protective chip at IR = 10 µA.
The reverse voltage of red is equivalent to the forward voltage of the protective chip at IR = 100µA.
2. For AlInGaP Red, the thermal resistance applied to LED junction to cathode lead. For InGaN Blue and Green, the thermal resistance applied to LED
junction to anode lead.
3. The dominant wavelength
λd is derived from the Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for each color bin limit is ±0.5 nm
5. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/
ηv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
Electrical/Optical Characteristics TA = 25oC
Parameters
Symbol
Value
Units
Test Condition
Min.
Typ.
Max.
Forward voltage
Red
Green
Blue
VF
2.20
3.60
3.50
2.40
4.00
4.00
VIF = 20 mA
Reverse Voltage [1]
Red
Green
Blue
VR
5.0
5.0
5.0
V
IR = 100
µA
IR = 10
µA
IR = 10
µA
Thermal resistance [2]
R
θ
J-PIN
240
oC/W
Dominant wavelength [3,4]
Red
Green
Blue
λ
d
622
520
460
630
525
470
634
540
480
nm
IF = 20 mA
Peak wavelength
Red
Green
Blue
λ
PEAK
639
516
464
nm
Peak of wavelength of spectral
distribution at IF = 20 mA
Spectral half width
Red
Green
Blue
∆λ
1/2
17
32
23
nm
Wavelength width at spectral
distribution power point at IF =
20 mA
Luminous Efficacy [5]
Red
Green
Blue
ηv
155
484
74
lm/W
Emitted luminous
power/Emitted radiant power


Similar Part No. - HLMP-AB87

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AB87 AVAGO-HLMP-AB87 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB87-MQ000 AVAGO-HLMP-AB87-MQ000 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB87-MQ0DD AVAGO-HLMP-AB87-MQ0DD Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AB87-MQ0ZZ AVAGO-HLMP-AB87-MQ0ZZ Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results

Similar Description - HLMP-AB87

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com