Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8205A Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 8205A
Description  5A 20V N-Channel Enhancement-Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

8205A Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  8205A Datasheet HTML 1Page - KIA Semiconductor Technology 8205A Datasheet HTML 2Page - KIA Semiconductor Technology 8205A Datasheet HTML 3Page - KIA Semiconductor Technology 8205A Datasheet HTML 4Page - KIA Semiconductor Technology 8205A Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5A 20V N-Channel
Enhancement-Mode MOSFET
KIA
SEMICONDUCTORS
8205A
5.Typical Characteristics Curves ( Ta=25
°C, unless otherwise note)
3 of5
Rev 1.1 Dec 2015


Similar Part No. - 8205A

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN FUMAN ELECTRON...
8205A FUMAN-8205A Datasheet
329Kb / 3P
   20V N-Channel Enhancement MOS FET
logo
VBsemi Electronics Co.,...
8205A VBSEMI-8205A Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8205A TUOFENG-8205A Datasheet
3Mb / 5P
   Dual N-Channel MOSFET
Feb,2018 V1.0
logo
TECH PUBLIC Electronics...
8205A TECHPUBLIC-8205A Datasheet
1Mb / 3P
   Dual N-Channel Enhancement Power Mosfet
More results

Similar Description - 8205A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com