Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8205A Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 8205A
Description  5A 20V N-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

8205A Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  8205A Datasheet HTML 1Page - KIA Semiconductor Technology 8205A Datasheet HTML 2Page - KIA Semiconductor Technology 8205A Datasheet HTML 3Page - KIA Semiconductor Technology 8205A Datasheet HTML 4Page - KIA Semiconductor Technology 8205A Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5A 20V N-Channel
Enhancement-Mode MOSFET
KIA
SEMICONDUCTORS
8205A
4. ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V,ID = 250uA
20
V
Drain-Source On-State Resistance
RDS(ON)
VGS = 1.8V,ID = 2.0A
53.0
75.0
m
Ω
Drain-Source On-State Resistance
RDS(ON)
VGS = 2.5V,ID = 3.5A
30.0
38.0
Drain-Source On-State Resistance
RDS(ON)
VGS = 4.0V,ID = 4.5A
23.0
30.0
Drain-Source On-State Resistance
RDS(ON)
VGS = 4.5V,ID = 4.5A
22.0
28.0
Drain-Source On-State Resistance
RDS(ON)
VGS = 10V,ID = 5.0A
20.0
25.0
Gate Threshold Voltage
VGS(th)
VGS = VGS,ID = 250uA
0.5
0.75
1
V
Zero Gate Voltage drain Current
IDSS
VGS = 20V,VGS = 0V
1
uA
Gate Body Leakage
IGSS
VGS =
±12V,VDS = 0V
±100
nA
Dynamic3
Total Gate Charge
QG
VDS = 10V,ID = 6A
VGS = 4.5V
6.24
8.11
nC
Gate-Source Charge
QGS
1.64
2.13
Gate-Drain Charge
QGB
1.34
1.74
Tum-On Delay Time
Td(on)
VDD = 10V,ID = 6A
ID = 1A,VGS = 4.5V
10.4
20.8
ns
Tum-On Rise Time
Tr
4.4
8.8
Tum-Off
Delay Time
Td(off)
27.36
54.72
Tum-Off Fall Time
Tf
4.16
8.32
Input Capacitance
Ciss
VDS = 8V,VGS = 0V
f =1.0MHz
522.3
pF
Output Capacitance
Coss
98.48
Reverse Transfer Capacitance
Crss
74.69
Source-Drain Diode
Max.Diode Forward Current
Is
1.7
A
Diode Forward Voltage
VSD
IS = 1.7A,VGS = 0V
0.74
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2%
3. Guaranteed by design; not subject to production testing
2 of5
Rev 1.1 Dec 2015


Similar Part No. - 8205A

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN FUMAN ELECTRON...
8205A FUMAN-8205A Datasheet
329Kb / 3P
20V N-Channel Enhancement MOS FET
logo
VBsemi Electronics Co.,...
8205A VBSEMI-8205A Datasheet
963Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8205A TUOFENG-8205A Datasheet
3Mb / 5P
Dual N-Channel MOSFET
Feb,2018 V1.0
logo
TECH PUBLIC Electronics...
8205A TECHPUBLIC-8205A Datasheet
1Mb / 3P
Dual N-Channel Enhancement Power Mosfet
More results

Similar Description - 8205A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
20V N-Channel Enhancement-Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com