Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 29Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 30Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 31Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 32Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 33Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 34Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 35Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 36Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 37Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Rev. 0.1 / May 2004
34
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
-Continue
:
1. This calculation accounts for tDQSQ(max), the pulse width distortion of on-chip circuit and jitter.
2. Data sampled at the rising edges of the clock : A0~A12, BA0~BA1, CKE, /CS, /RAS, /CAS, /WE.
3. For command/address input slew rate >=1.0V/ns
4. For command/address input slew rate >=0.5V/ns and <1.0V/ns
This derating table is used to increase tIS/tIH in case where the input slew-rate is below 0.5V/ns.
Input Setup / Hold Slew-rate Derating Table.
Parameter
Symbol
DDR266A
DDR266B
DDR200
UNIT
NOTE
Min
Max
Min
Max
Min
Max
Input Setup Time
(fast slew rate)
tIS
0.9
-
0.9
-
1.1
-
ns
2,3,5,
6
Input Hold Time
(fast slew rate)
tIH
0.9
-
0.9
-
1.1
-
ns
Input Setup Time
(slow slew rate)
tIS
1.0
-
1.0
-
1.1
-
ns
2,4,5,
6
Input Hold Time
(slow slew rate)
tIH
1.0
-
1.0
-
1.1
-
ns
Input Pulse Width
tIPW
2.2
-
2.2
-
2.5
-
ns
6
Write DQS High Level Width
tDQSH
0.35
-
0.35
-
0.35
-
CK
Write DQS Low Level Width
tDQSL
0.35
-
0.35
-
0.35
-
CK
Clock to First Rising edge of
DQS-In
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
CK
DQSfalling edge to CK
setup time
tDSS
0.2
0.2
0.2
CK
DQS falling edge hold time
from CK
tDSH
0.2
0.2
0.2
CK
Data-In Setup Time to DQS-
In (DQ & DM)
tDS
0.5
-
0.5
-
0.6
-
ns
6,7,
11,12,
13
Data-in Hold Time to DQS-In
(DQ & DM)
tDH
0.5
-
0.5
-
0.6
-
ns
DQ & DM Input Pulse Width
tDIPW
1.75
-
1.75
-
2
-
ns
Read DQS Preamble Time
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
CK
Read DQS Postamble Time
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
CK
Write DQS Preamble Setup Time
tWPRES
0-0
-
0-
CK
Write DQS Preamble Hold Time
tWPREH
0.25
-
0.25
-
0.25
-
CK
Write DQS Postamble Time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
CK
Mode Register Set Delay
tMRD
2-2
-
2-
CK
Exit Self Refresh to Any
Execute Command
tXSC
200
-
200
-
200
-
CK
8
Average Periodic Refresh
Interval
tREFI
-7.8
-
7.8
-7.8
us
Input Setup / Hold Slew-rate
Delta tIS
Delta tIH
V/ns
ps
ps
0.5
0
0
0.4
+50
0
0.3
+100
0


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com