Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 29Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 30Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 31Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 32Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 33Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 34Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 35Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 36Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 37Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Rev. 0.1 / May 2004
33
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
AC CHARACTERISTICS II (AC operating conditions unless otherwise noted)
Parameter
Symbol
DDR266A
DDR266B
DDR200
UNI
T
NOTE
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
65
-
65
-
70
-
ns
Auto Refresh Row Cycle Time
tRFC
75
-
75
-
80
-
ns
Row Active Time
tRAS
45
120K
45
120K
50
120K
ns
Active to Read with Auto
Precharge Delay
tRAP
tRCD or
tRPmin
-
tRCD or
tRPmin
-
tRCD or
tRPmin
-ns
16
Row Address to Column Address
Delay
tRCD
20
-
20
-
20
-
ns
Row Active to Row Active Delay
tRRD
15
-
15
-
15
-
ns
Column Address to Column
Address Delay
tCCD
1
-
1
-
1
-
CK
Row Precharge Time
tRP
20
-
20
-
20
-
ns
Write Recovery Time
tWR
15
-
15
-
15
-
ns
Internal Write to Read Command
Delay
tWTR
1
-
1-1-
CK
Auto Precharge Write Recovery +
Precharge Time
tDAL
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-CK
15
System Clock Cycle
Time
CL = 2.5
tCK
7.5
12
7.5
12
8.0
12
ns
CL = 2
7.5
12
10
12
10
12
ns
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
CK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
CK
Data-Out edge to Clock edge
Skew
tAC
-0.75
0.75
-0.75
0.75
-0.75
0.75
ns
DQS-Out edge to Clock edge
Skew
tDQSCK
-0.75
0.75
-0.75
0.75
-0.75
0.75
ns
DQS-Out edge to Data-Out edge
Skew
tDQSQ
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time from DQS
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
1,10
Clock Half Period
tHP
min
(tCL,tCH
)
-
min
(tCL,tCH
)
-
min
(tCL,tCH
)
-ns
1,9
Data Hold Skew Factor
tQHS
-
0.75
-
0.75
-
0.75
ns
10
Valid Data Output Window
tDV
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
Data-out high-impedance
window from CK,/CK
tHZ
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17
Data-out low-impedance window
from CK, /CK
tLZ
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com