Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 26Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 27Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 28Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 29Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 30Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 31Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 32Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 33Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Rev. 0.1 / May 2004
30
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
AC Overshoot/Undershoot Specification for Address and Control Pins
This specification is intended for devices with no clamp protection and is guaranteed by design
Overshoot/Undershoot Specification for Data, Strobe, and Mask Pins
Parameter
Specification
DDR333
DDR200/266
Maximum peak amplitude allowed for overshoot (See Figure 1):
1.5V
1.5V
Maximum peak amplitude allowed for undershoot (See Figure 1):
1.5V
1.5V
The area between the overshoot signal and VDD must be less than or equal to (See Figure 1):
4.5V - ns
4.5V - ns
The area between the undershoot signal and GND must be less than or equal to (See Figure 1):
4.5V - ns
4.5V - ns
Parameter
Specification
DDR333
DDR200/266
Maximum peak amplitude allowed for overshoot (See Figure 2):
1.2V
1.2V
Maximum peak amplitude allowed for undershoot (See Figure 2):
1.2V
1.2V
The area between the overshoot signal and VDD must be less than or equal to (See Figure 2):
2.4V - ns
2.4V - ns
The area between the undershoot signal and GND must be less than or equal to (See Figure 2):
2.4V - ns
2.4V - ns
VDD
01
23
45
6
0
+1
+2
+3
+4
+5
-1
-2
-3
Volts
(V)
Time(ns)
Undershoot
Ground
Max. area=4.5V-ns
Overshoot
Max. amplitude=1.5V
Figure 1: Address and Control AC Overshoot and Undershoot Definitio
VDD
01
23
45
6
0
+1
+2
+3
+4
+5
-1
-2
-3
Volts
(V)
Time(ns)
Undershoot
Ground
Max. area=2.4V-ns
Overshoot
Max. amplitude=1.2V
Figure 2: DQ/DM/DQS AC Overshoot and Undershoot Definition


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com