Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 21Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 22Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 23Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 24Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 25Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 26Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 27Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 28Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Rev. 0.1 / May 2004
25
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
DC CHARACTERISTICS II (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
128Mx4
Parameter
Symbol
Test Condition
Speed
Unit Note
-J -M -K -H
-L
Operating Current
IDD0
One bank; Active - Precharge ; tRC=tRC(min);
tCK=tCK(min) ; DQ,DM and DQS inputs changing twice
per clock cycle; address and control inputs changing
once per clock cycle
140 130 120 120 100
mA
Operating Current
IDD1
One bank; Active - Read - Precharge;
Burst Length=2; tRC=tRC(min); tCK=tCK(min);
address and control inputs changing once per clock
cycle
180 160 150 150 140
mA
Precharge Power
Down Standby
Current
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
10
mA
Idle Standby
Current
IDD2N
Vin>=Vih(min) or Vin=<Vil(max) for DQ, DQS and DM
35
mA
Idle Standby
Current
IDD2F
/CS=High, All banks idle; tCK=tCK(min);
CKE=High; address and control inputs changing once
per clock cycle.
VIN=VREF for DQ, DQS and DM
35
mA
Idle Quiet Standby
Current
IDD2Q
/CS>=Vih(min); All banks idle; CKE>=Vih(min);
Addresses and other control inputs stable, Vin=Vref for
DQ, DQS and DM
25
mA
Active Power
Down
Standby Current
IDD3P
One bank active; Power down mode; CKE=Low,
tCK=tCK(min)
12
mA
Active Standby
Current
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-Precharge;
tRC=tRAS(max); tCK=tCK(min);
DQ, DM and DQS inputs changing twice per clock
cycle; Address and other control inputs changing once
per clock cycle
45
40
mA
Operating Current
IDD4R
Burst=2; Reads; Continuous burst; One bank active;
Address and control inputs changing once per clock
cycle; tCK=tCK(min); IOUT=0mA
240 200 200 200 170
mA
Operating Current
IDD4W
Burst=2; Writes; Continuous burst; One bank active;
Address and control inputs changing once per clock
cycle; tCK=tCK(min); DQ, DM and DQS inputs
changing twice per clock cycle
240 200 200 200 170
Auto Refresh
Current
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK
for DDR266A & DDR266B at 133Mhz; distributed
refresh
280 260 260 260 240
Self Refresh
Current
IDD6
CKE =< 0.2V; External clock on;
tCK=tCK(min)
Normal
5mA
Low Power
2.5
mA
Operating Current
- Four Bank
Operation
IDD7
Four bank interleaving with BL=4, Refer to the
following page for detailed test condition
460 380 380 380 300
mA
Random Read
Current
IDD7A
4banks active read with activate every 20ns, AP(Auto
Precharge) read every 20ns, BL=4, tRCD=3, IOUT=0
mA, 100% DQ, DM and DQS inputs changing twice per
clock cycle; 100% addresses changing once per clock
cycle
460 380 380 380 300
mA


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com