Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 18Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 19Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 20Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 21Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 22Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 23Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 24Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 25Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Rev. 0.1 / May 2004
22
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
EXTENDED MODE REGISTER SET (EMRS)
The Extended Mode Register controls functions beyond those controlled by the Mode Register; these additional func-
tions include DLL enable/disable, output driver strength selection(optional). These functions are controlled via the bits
shown below. The Extended Mode Register is programmed via the Mode Register Set command ( BA0=1 and BA1=0)
and will retain the stored information until it is programmed again or the device loses power.
The Extended Mode Register must be loaded when all banks are idle and no bursts are in progress, and the controller
must wait the specified time before initiating any subsequent operation. Violating either of these requirements will
result in unspecified operation.
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
Operating Mode
0*
DS
DLL
A0
DLL enable
0Enable
1Diable
BA0
MRS Type
0MRS
1EMRS
A1
Output Driver
Impedance Control
0
Full Strength Driver
1
Half Strength Driver
* This part do not support/QFC function, A2 must be programmed to Zero.
An~A3
A2~A0
Operating Mode
0Valid
Noraml Operation
__
All other states reserved


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com