Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 17Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 18Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 19Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 20Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 21Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 22Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 23Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 24Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Rev. 0.1 / May 2004
21
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
CAS LATENCY
The Read latency or CAS latency is the delay in clock cycles between the registration of a Read command and the
availability of the first burst of output data. The latency can be programmed 2 or 2.5 clocks.
If a Read command is registered at clock edge n, and the latency is m clocks, the data is available nominally coincident
with clock edge n + m.
Reserved states should not be used as unknown operation or incompatibility with future versions may result.
DLL RESET
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and upon return-
ing to normal operation after having disabled the DLL for the purpose of debug or evaluation. The DLL is automatically
disabled when entering self refresh operation and is automatically re-enabled upon exit of self refresh operation. Any
time the DLL is enabled, 200 clock cycles must occur to allow time for the internal clock to lock to the externally
applied clock before an any command can be issued.
OUTPUT DRIVER IMPEDANCE CONTROL
The normal drive strength for all outputs is specified to be SSTL_2, Class II. Hynix also supports a half strength driver
option, intended for lighter load and/or point-to-point environments. Selection of the half strength driver option will
reduce the output drive strength by 50% of that of the full strength driver. I-V curves for both the full strength driver
and the half strength driver are included in this document.


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com