Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8053 Datasheet(PDF) 7 Page - SHOUDING Shouding Semiconductor

Part # SD8053
Description  Single micro-thermal battery management chip with thermal regulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8053 Datasheet(HTML) 7 Page - SHOUDING Shouding Semiconductor

  SD8053 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Shouding
Rev.1.0 — Nov. 15. 2016
7
www.sdw-tw.com
7.
PROG 端电压 VS 输入电压
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
PROG Pin Voltage VS Supply Voltage
Supply Voltage(V)
TJ=25, VBAT=3.2V,RSET=5K
8.
涓流充电电流 VS 输入电压
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage(V)
TJ=25,VBAT=2.0V,RSET=3.3K
TJ=25,VBAT=2.0V,RSET=5K
Trickle Charge Current VS Supply Voltage
9.
VBAT VS 输入电压
4.5
5.0
5.5
6.0
6.5
7.0
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
Regulated Output (Float) Voltage VS Supply Voltage
Supply Voltage(V)
TJ=25,RSET=5KIBAT=40mA
10. PROG 端电压 VS 温度
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PROG Pin Voltage VS Temperature
Temperature ()
VIN=5.0V, VBAT=3.6V, RSET=5K
11. PROG 端上拉电流 VS 温度
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
PROG Pin Pull-up Current VS Temperature
Temperature ()
VIN=6.5V, VBAT=4.3V, PROG=0V
VIN=4.2V, VBAT=4.3V, PROG=0V
12. BAT 端温度曲线
-40
-20
0
20
40
60
80
100
120
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
VBAT VS Temperature
Temperature ()
VIN=5.0V, IBAT=40mA, RSET=5K
单片具有热调节功能的微型线性电池管理芯片
SD8053


Similar Part No. - SD8053

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055B5F SHOUDING-SD8055B5F Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
   500mA Linear Li-Ion Battery Charger
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
SD8058 SHOUDING-SD8058 Datasheet
5Mb / 11P
   600mA linear lithium ion battery charger
More results

Similar Description - SD8053

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4057A HMSEMI-HM4057A Datasheet
975Kb / 9P
   Single micro-thermal battery management chip with thermal regulation
HM4054F HMSEMI-HM4054F Datasheet
788Kb / 10P
   Single micro-thermal battery management chip with thermal regulation
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com