Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8053 Datasheet(PDF) 6 Page - SHOUDING Shouding Semiconductor

Part # SD8053
Description  Single micro-thermal battery management chip with thermal regulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8053 Datasheet(HTML) 6 Page - SHOUDING Shouding Semiconductor

  SD8053 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Shouding
Rev.1.0 — Nov. 15. 2016
6
www.sdw-tw.com
■ 特性曲线
1.
充电电流 VS BAT 端电压
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
Battery Voltage(V)
TJ=25, RSET=5K
Charge Current VS Battery Voltage
2.
充电电流 VS PROG 端电压
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
250
300
350
400
PROG Pin Voltage(V)
TJ=25,VIN=5.0V,RSET=5K
Charge Current VS PROG Pin Voltage
3.
充电电流 VS 输入电压
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
50
100
150
200
250
300
350
400
450
500
Charge Current VS Supply Voltage
Supply Voltage(V)
TJ=25,VBAT=3.2V,RSET=5K
4.
CHARGE 端电流 VS CHARGE 端电压(充电时)
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
35
40
Charge Voltage(V)
TJ=25,VIN=5V, VBAT=3.6V
Charge Pin Current VS Charge Voltage
(Strong Pull-Down State)
5.
CHARGE 端电流 VS CHARGE 端电压(充满电)
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
Charge Pin Current VS Charge Voltage
(Weak Pull-Down State)
Charge Voltage(V)
TJ=25,VIN=5V, VBAT=4.3V
6.
PROG 端上拉电流 VS PROG 端上拉电压
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
PROG Pin Voltage(V)
TJ=25,VIN=5V,VBAT=4.3V
PROG Pin Pull-up Current VS PROG Pin Voltage
单片具有热调节功能的微型线性电池管理芯片
SD8053


Similar Part No. - SD8053

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055B5F SHOUDING-SD8055B5F Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
   500mA Linear Li-Ion Battery Charger
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
SD8058 SHOUDING-SD8058 Datasheet
5Mb / 11P
   600mA linear lithium ion battery charger
More results

Similar Description - SD8053

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4057A HMSEMI-HM4057A Datasheet
975Kb / 9P
   Single micro-thermal battery management chip with thermal regulation
HM4054F HMSEMI-HM4054F Datasheet
788Kb / 10P
   Single micro-thermal battery management chip with thermal regulation
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com