Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8053 Datasheet(PDF) 5 Page - SHOUDING Shouding Semiconductor

Part # SD8053
Description  Single micro-thermal battery management chip with thermal regulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8053 Datasheet(HTML) 5 Page - SHOUDING Shouding Semiconductor

  SD8053 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Shouding
Rev.1.0 — Nov. 15. 2016
5
www.sdw-tw.com
■ 电学特性参数
(TA=25℃ unless otherwise noted)
参数
标号
条件
最低
典型
最高
UNIT
输入电压
Vin
4.25
6.5
V
输入电流
Iin
Charge mode,Rprog=10K
300
2000
µA
Standby mode
200
500
µA
Shutdown mode(Rprog not
connected,Vin<Vbat or Vin<Vuv)
25
50
µA
输出控制电压
Vfloat
0℃<TA<85℃, IBAT = 40mA
4.158
4.2
4.242
V
BAT端电流
Ibat
Rprog=5k, Current mode
186
200
214
mA
Rprog=2k, Current mode
465
500
535
mA
Standby mode, Vbat=4.2V
0
-2.5
-6
µA
Shutdown mode
1
2
µA
Battery reverse mode, VBAT=-4V
0.7
mA
Sleep mode, Vin=0V
1
2
µA
涓流充电电流
Itrikl
Vbat<Vtrikl, Rprog=5k
30
40
50
mA
涓流充电极限电压
Vtrikl
Rprog=10K,Vbat Rising
2.8
2.9
3.0
V
涓流充电迟滞电压
Vtrhys
Rporg=5k
60
80
110
mV
电源低电闭锁阈值电压
Vuv
From Vin low to high
3.7
3.8
3.93
V
电源低电阈值电压迟滞电压
Vuvhys
150
200
300
mV
手动关闭阈值电压
Vmsd
PROG pin rising
1.15
1.21
1.30
V
PROG pin falling
0.9
1.0
1.1
V
Vin-Vbat停止工作阈值电压
Vasd
Vin from low to high
70
100
140
mV
Vin from high to low
5
30
50
mV
C/10 终端阈值电流
Iterm
Rprog=5k
0.085
0.10
0.115
mA/mA
Rprog=2k
0.085
0.10
0.115
mA/mA
PROG端电压
Vprog
Rprog=5k, Current mode
0.93
1.0
1.07
V
CHRG端弱下拉电流
Ichrg
Vchrg=5V
8
20
35
µA
CHRG端最小输出电压
Vchrg
Ichrg=5mA
0.35
0.6
V
电池再充电迟滞电压
ΔVrecg
VFLOAT - VRECHRG
100
200
mV
单片具有热调节功能的微型线性电池管理芯片
SD8053


Similar Part No. - SD8053

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055B5F SHOUDING-SD8055B5F Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
   500mA Linear Li-Ion Battery Charger
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
SD8058 SHOUDING-SD8058 Datasheet
5Mb / 11P
   600mA linear lithium ion battery charger
More results

Similar Description - SD8053

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4057A HMSEMI-HM4057A Datasheet
975Kb / 9P
   Single micro-thermal battery management chip with thermal regulation
HM4054F HMSEMI-HM4054F Datasheet
788Kb / 10P
   Single micro-thermal battery management chip with thermal regulation
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com