Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8053 Datasheet(PDF) 4 Page - SHOUDING Shouding Semiconductor

Part # SD8053
Description  Single micro-thermal battery management chip with thermal regulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8053 Datasheet(HTML) 4 Page - SHOUDING Shouding Semiconductor

  SD8053 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Shouding
Rev.1.0 — Nov. 15. 2016
4
www.sdw-tw.com
■ 功能框图
REF
1.21V
VIN
BAT
GND
VIN
R1
R2
1000x
5uA
TA
CA
C1
C2
1x
120℃
TDIE
CHRG
STANDBY
2.9V
TO
BAT
R3
1V
R4
0.1V
R5
3uA
SHDN
RPROG
4
3
2
5
1
PROG
VA
MA
C3
■ 绝对最大额定值
参数
标号
最大额定值
单位
输入电压
Vin
VSS-0.3~VSS+7
V
PROG 端电压
Vprog
VSS-0.3~Vin+0.3
BAT 端电压
Vbat
Vss-0.3~7
CHAG 端电压
Vchrg
VSS-0.3~VSS+10
容许功耗
PD
SOT-23-5L
250
mW
BAT 端电流
Ibat
500
mA
PROG 端电流
Iprog
800
uA
人体模式 ESD 能力
VESD
7000
V
工作外围温度
Topa
-40~+85
°C
存储温度
Tstr
-65~+125
注意: 绝对最大额定值是指在任何条件下都不能超过的额定值。万一超过此额定值,有可能造成产品劣化等物理性损伤。
单片具有热调节功能的微型线性电池管理芯片
SD8053


Similar Part No. - SD8053

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055B5F SHOUDING-SD8055B5F Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
   500mA Linear Li-Ion Battery Charger
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
SD8058 SHOUDING-SD8058 Datasheet
5Mb / 11P
   600mA linear lithium ion battery charger
More results

Similar Description - SD8053

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4057A HMSEMI-HM4057A Datasheet
975Kb / 9P
   Single micro-thermal battery management chip with thermal regulation
HM4054F HMSEMI-HM4054F Datasheet
788Kb / 10P
   Single micro-thermal battery management chip with thermal regulation
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com