Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8053 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD8053
Description  Single micro-thermal battery management chip with thermal regulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8053 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD8053 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8053 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Shouding
Rev.1.0 — Nov. 15. 2016
3
www.sdw-tw.com
电压的 VIN 降到 30 mV 以内时,SD8053 进入停工状态,并使 BAT 电流降到 2µA 以下。
PROG(引脚 5):充电电流编程,充电电流监控和关闭端。充电电流由一个精度为 1%的接到地的电阻控制。在恒定充电电流状
态时,此端口提供 1V 的电压。在所有状态下,此端口电压都可以用下面的公式测算充电电流:IBAT = (VPROG/RPROG)×1000。
PROG 端口也可用来关闭充电器。把编程电阻同地端分离可以通过上拉的 3µA 电流源拉高 PROG 端口电压。当达到 1.21V 的极
限停工电压值时,充当器进入停止工作状态,充电结束,输入电流降至 25µA。此端口夹断电压大约 2.4V。给此端口提供超过夹
断电压的电压,将获得 1.5 mA 的高电流。再使 PROG 和地端结合将使充电器回到正常状态。
■ 打印信息
 SOT-23-5L
SOT-23-5L
(TOP VIEW)
① ② ③ ④ .
.
. . . .
① 表示产品系列
打印符号
产品描述
3
SD8053◆◆◆◆◆
② 表示连续充电电压类型
打印符号
产品名称
K
SD8053K◆◆◆◆
③ 表示输出电压调整器
符号
VBAT 电压
VBAT 精度
A
4.2V
±1%
④ 这一位由公司生产部规定,与 6 个点一起形成可追溯性质量跟踪信息。
单片具有热调节功能的微型线性电池管理芯片
SD8053


Similar Part No. - SD8053

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055B5F SHOUDING-SD8055B5F Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
   500mA Linear Li-Ion Battery Charger
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
SD8058 SHOUDING-SD8058 Datasheet
5Mb / 11P
   600mA linear lithium ion battery charger
More results

Similar Description - SD8053

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4057A HMSEMI-HM4057A Datasheet
975Kb / 9P
   Single micro-thermal battery management chip with thermal regulation
HM4054F HMSEMI-HM4054F Datasheet
788Kb / 10P
   Single micro-thermal battery management chip with thermal regulation
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
   Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com