Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P25Q40H Datasheet(PDF) 63 Page - Puya Semiconductor Co., Ltd.

Part # P25Q40H
Description  Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q40H Datasheet(HTML) 63 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q40H Datasheet HTML 59Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 60Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 61Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 62Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 63Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 64Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 65Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 66Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 67Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
P25Q40H/20H/10H/05H Datasheet
Puya Semiconductor
Page 63 of 76
10.40
Read SFDP Mode (RDSFDP)
The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the
functional and feature capabilities of serial flash devices in a standard set of internal parameter tables. These
parameter tables can be interrogated by host system software to enable adjustments needed to
accommodate divergent features from multiple vendors. The concept is similar to the one found in the
Introduction of JEDEC Standard, JESD68 on CFI.
The sequence of issuing RDSFDP instruction is same as FAST_READ: CS# goes low→ send RDSFDP
instruction (5Ah)→send 3 address bytes on SI pin→ send 1 dummy byte on SI pin→ read SFDP code on
SO→ to end RDSFDP operation can use CS# to high at any time during data out.
SFDP is a JEDEC Standard, JESD216B.
Figure 10-41 Read Serial Flash Discoverable Parameter (RDSFDP) Sequence
Command
0
1
2
3
4
5
6
7
5AH
CS#
SCLK
SI
SO
High - Z
8
9 10
28 29 30 31
3
2
1
0
23 22
21
24-bit address
MSB
6
5
4
3
2
1
0
Data Out1
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
DummyByte
32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Similar Part No. - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IR PUYA-P25Q40L-NXH-IR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IT PUYA-P25Q40L-NXH-IT Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IW PUYA-P25Q40L-NXH-IW Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-KR PUYA-P25Q40L-NXH-KR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
More results

Similar Description - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
logo
Puya Semiconductor Co.,...
P25Q40U PUYA-P25Q40U Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit
P25Q40SL PUYA-P25Q40SL Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25T22L PUYA-P25T22L Datasheet
1Mb / 45P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
P25Q21H PUYA-P25Q21H Datasheet
2Mb / 77P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q21U PUYA-P25Q21U Datasheet
2Mb / 76P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40SH PUYA-P25Q40SH Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 20. 2021
P25T22H PUYA-P25T22H Datasheet
1Mb / 44P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com