Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P25Q40H Datasheet(PDF) 6 Page - Puya Semiconductor Co., Ltd.

Part # P25Q40H
Description  Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q40H Datasheet(HTML) 6 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q40H Datasheet HTML 2Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 3Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 4Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 5Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 6Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 7Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 8Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 9Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 10Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
P25Q40H/20H/10H/05H Datasheet
Puya Semiconductor
Page 6 of 76
3
Pin Definition
3.1
Pin Configurations
CS#
SO
WP#
HOLD#
SLCK
SI
VCC
GND
1
2
3
4
8
7
6
5
CS#
SO
WP#
HOLD#
SLCK
SI
VCC
GND
1
2
3
4
8
7
6
5
8-PIN SOP (150mil/208mil) and TSSOP
8-Land USON (2x3mm/6x5mm)
3.2
Pin Descriptions
No.
Symbol
Extension
Remarks
1
CS#
Chip select
2
SO
SIO1
Serial data output for 1 x I/O
Serial data input and output for 4 x I/O read mode
3
WP#
SIO2
Write protection active low
Serial data input and output for 4 x I/O read mode
4
GND
-
Ground of the device
5
SI
SIO0
Serial data input for 1x I/O
Serial data input and output for 4 x I/O read mode
6
SCLK
-
Serial interface clock input
7
HOLD#
SIO3
To pause the device without deselecting the device
Serial data input and output for 4 x I/O read mode
8
Vcc
-
Power supply of the device


Similar Part No. - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IR PUYA-P25Q40L-NXH-IR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IT PUYA-P25Q40L-NXH-IT Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IW PUYA-P25Q40L-NXH-IW Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-KR PUYA-P25Q40L-NXH-KR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
More results

Similar Description - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
logo
Puya Semiconductor Co.,...
P25Q40U PUYA-P25Q40U Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit
P25Q40SL PUYA-P25Q40SL Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25T22L PUYA-P25T22L Datasheet
1Mb / 45P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
P25Q21H PUYA-P25Q21H Datasheet
2Mb / 77P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q21U PUYA-P25Q21U Datasheet
2Mb / 76P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40SH PUYA-P25Q40SH Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 20. 2021
P25T22H PUYA-P25T22H Datasheet
1Mb / 44P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com