Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P25Q40H Datasheet(PDF) 59 Page - Puya Semiconductor Co., Ltd.

Part # P25Q40H
Description  Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q40H Datasheet(HTML) 59 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q40H Datasheet HTML 55Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 56Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 57Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 58Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 59Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 60Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 61Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 62Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 63Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
P25Q40H/20H/10H/05H Datasheet
Puya Semiconductor
Page 59 of 76
Acceptable Commands During Suspend(tPSL/tESL not required)
Command name
Command Code
Suspend Type
Program Suspend
Erase Suspend
WRDI
04H
RDSR
05H
RDSR2
35H
ASI
25H
RES
ABH
RSTEN
66H
RST
99H
NOP
00H
Figure 10-35 Resume to Suspend Latency
Resume Command
CS#
Suspend Command
tPRS / tERS
tPRS: Program Resume to another Suspend
tERS: Erase Resume to another Suspend
10.35
Erase Suspend to Program
The “Erase Suspend to Program” feature allows Page Programming while an erase operation is suspended.
Page Programming is permitted in any unprotected memory except within the sector of a suspended Sector
Erase operation or within the block of a suspended Block Erase operation. The Write Enable (WREN)
instruction must be issued before any Page Program instruction.
A Page Program operation initiated within a suspended erase cannot itself be suspended and must be
allowed to finish before the suspended erase can be resumed. The Status Register can be polled to
determine the status of the Page Program operation. The WEL and WIP bits of the Status Register will
remain “1” while the Page Program operation is in progress and will both clear to “0” when the Page Program
operation completes.
Figure 10-36 Suspend to Read/Program Latency
Suspend Command
CS#
Read/Program command
tPSL / tESL
tPSL: Program latency
tESL: Erase latency
Notes:
1. Please note that Program only available after the Erase-Suspend operation
2. To check suspend ready information, please read status register bit15 (SUS2) and bit10(SUS1)


Similar Part No. - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IR PUYA-P25Q40L-NXH-IR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IT PUYA-P25Q40L-NXH-IT Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IW PUYA-P25Q40L-NXH-IW Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-KR PUYA-P25Q40L-NXH-KR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
More results

Similar Description - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
logo
Puya Semiconductor Co.,...
P25Q40U PUYA-P25Q40U Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit
P25Q40SL PUYA-P25Q40SL Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25T22L PUYA-P25T22L Datasheet
1Mb / 45P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
P25Q21H PUYA-P25Q21H Datasheet
2Mb / 77P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q21U PUYA-P25Q21U Datasheet
2Mb / 76P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40SH PUYA-P25Q40SH Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 20. 2021
P25T22H PUYA-P25T22H Datasheet
1Mb / 44P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com