Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P25Q40H Datasheet(PDF) 58 Page - Puya Semiconductor Co., Ltd.

Part # P25Q40H
Description  Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q40H Datasheet(HTML) 58 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q40H Datasheet HTML 54Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 55Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 56Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 57Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 58Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 59Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 60Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 61Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 62Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
P25Q40H/20H/10H/05H Datasheet
Puya Semiconductor
Page 58 of 76
10.34
Program/Erase Suspend/Resume
The Suspend instruction interrupts a Page Program, Sector Erase, or Block Erase operation to allow access
to the memory array. After the program or erase operation has entered the suspended state, the memory
array can be read except for the page being programmed or the sector or block being erased.
Readable Area of Memory While a Program or Erase Operation is Suspended
Suspended Operation
Readable Region of Memory Array
Page Program
All but the Page being programmed
Page Erase
All but the Page being erased
Sector Erase(4KB)
All but the 4KB Sector being erased
Block Erase(32KB)
All but the 32KB Block being erased
Block Erase(64KB)
All but the 64KB Block being erased
When the Serial NOR Flash receives the Suspend instruction, there is a latency of tPSL or tESL before the
Write Enable Latch (WEL) bit clears to “0” and the SUS2 or SUS1 sets to “1”, after which the device is ready
to accept one of the commands listed in "Table Acceptable Commands During Program/Erase Suspend after
tPSL/tESL" (e.g. FAST READ). Refer to " AC Characteristics" for tPSL and tESL timings. "Table Acceptable
Commands During Suspend (tPSL/tESL not required)" lists the commands for which the tPSL and tESL
latencies do not apply. For example, RDSR, RDSCUR, RSTEN, and RST can be issued at any time after the
Suspend instruction.
Status Register bit 15 (SUS2) and bit 10 (SUS1) can be read to check the suspend status. The SUS2
(Program Suspend Bit) sets to “1” when a program operation is suspended. The SUS1 (Erase Suspend Bit)
sets to “1” when an erase operation is suspended. The SUS2 or SUS1 clears to “0” when the program or
erase operation is resumed.
Acceptable Commands During Program/Erase Suspend after tPSL/tESL
Command name
Command Code
Suspend Type
Program Suspend
Erase Suspend
READ
03H
FAST READ
0BH
DREAD
3BH
QREAD
6BH
2READ
BBH
4READ
EBH
RDSFDP
5AH
RDID
9FH
REMS
90H
DREMS
92H
QREMS
94H
RDSCUR
48H
SBL
77H
WREN
06H
RESUME
7AH OR 30H
PP
02H
DPP
A2H
QPP
32H


Similar Part No. - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IR PUYA-P25Q40L-NXH-IR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IT PUYA-P25Q40L-NXH-IT Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IW PUYA-P25Q40L-NXH-IW Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-KR PUYA-P25Q40L-NXH-KR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
More results

Similar Description - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
logo
Puya Semiconductor Co.,...
P25Q40U PUYA-P25Q40U Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit
P25Q40SL PUYA-P25Q40SL Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25T22L PUYA-P25T22L Datasheet
1Mb / 45P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
P25Q21H PUYA-P25Q21H Datasheet
2Mb / 77P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q21U PUYA-P25Q21U Datasheet
2Mb / 76P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40SH PUYA-P25Q40SH Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 20. 2021
P25T22H PUYA-P25T22H Datasheet
1Mb / 44P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com