Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P25Q40H Datasheet(PDF) 10 Page - Puya Semiconductor Co., Ltd.

Part # P25Q40H
Description  Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q40H Datasheet(HTML) 10 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q40H Datasheet HTML 6Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 7Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 8Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 9Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 10Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 11Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 12Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 13Page - Puya Semiconductor Co., Ltd. P25Q40H Datasheet HTML 14Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
P25Q40H/20H/10H/05H Datasheet
Puya Semiconductor
Page 10 of 76
5.3
AC Characteristics
Table 5-3 AC parameters
Symbol
Alt.
Parameter
2.3V~3.6V
min
typ
max
Unit
fSCLK
fC
Clock Frequency for the following instructions: FAST_READ,
RDSFDP, PP, SE, BE32K, BE, CE, DP, RES, WREN, WRDI, RDID, RDSR,
WRSR(7)
104
MHz
fRSCLK
fR
Clock Frequency for READ instructions
55
MHz
fTSCLK
fT
Clock Frequency for DREAD instructions
104
MHz
Clock Frequency for 2READ instructions
85
MHz
fQ
Clock Frequency for QREAD instructions
104
MHz
Clock Frequency for 4READ instructions
85
MHz
fQPP
Clock Frequency for QPP (Quad page program)
104
MHz
tCH(1)
tCLH
Clock High Time
4.5
ns
tCL(1)
tCLL
Clock Low Time (fSCLK) 45% x (1fSCLK)
4.5
ns
tCLCH(7)
Clock Rise Time (peak to peak)
0.1
v/ns
tCHCL(7)
Clock Fall Time (peak to peak)
0.1
v/ns
tSLCH
tCSS
CS# Active Setup Time (relative to SCLK)
5
ns
tCHSL
CS# Not Active Hold Time (relative to SCLK)
5
ns
tDVCH
tDS
U
Data In Setup Time
2
ns
tCHDX
tDH
Data In Hold Time
3
ns
tCHSH
CS# Active Hold Time (relative to SCLK)
5
ns
tSHCH
CS# Not Active Setup Time (relative to SCLK)
5
ns
tSHSL
tCSH
CS# Deselect Time From Read to next Read
15
ns
CS# Deselect Time From Write,Erase,Program to Read Status
Register
30
ns
tSHQZ(7)
tDIS
Output Disable Time
6
ns
tCLQV
tV
Clock Low to Output Valid Loading 30pF
7
ns
Clock Low to Output Valid Loading 15pF
6
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD# Active Setup Time (relative to SCLK)
5
ns
tCHHH
HOLD# Active Hold Time (relative to SCLK)
5
ns
tHHCH
HOLD# Not Active Setup Time (relative to SCLK)
5
ns
tCHHL
HOLD# Not Active Hold Time (relative to SCLK)
5
ns
tHHQX
tLZ
HOLD# to Output Low-Z
6
ns
tHLQZ
tHZ
HOLD# to Output High-Z
6
ns
tWHSL(3)
Write Protect Setup Time
20
ns
tSHWL(3)
Write Protect Hold Time
100
ns
tDP
CS# High to Deep Power-down Mode
3
us
tRES1
CS# High To Standby Mode Without Electronic Signature Read
8
us
tRES2
CS# High To Standby Mode With Electronic Signature Read
8
us
tW
Write Status Register Cycle Time
8
12
ms
tReady
Reset recovery time(for erase/program operation except WRSR)
30
us
Reset recovery time(for WRSR operation)
8
12
ms


Similar Part No. - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IR PUYA-P25Q40L-NXH-IR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IT PUYA-P25Q40L-NXH-IT Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-IW PUYA-P25Q40L-NXH-IW Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q40L-NXH-KR PUYA-P25Q40L-NXH-KR Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
More results

Similar Description - P25Q40H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q40L PUYA-P25Q40L Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
Nov. 03, 2020
P25Q21U PUYA-P25Q21U Datasheet
2Mb / 76P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q21H PUYA-P25Q21H Datasheet
2Mb / 77P
Ultra Low Power, 2M/1M/512K-bit Serial Multi I/O Flash Memory Datasheet
P25Q40SL PUYA-P25Q40SL Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25Q40SH PUYA-P25Q40SH Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 20. 2021
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25Q40U PUYA-P25Q40U Datasheet
3Mb / 75P
Ultra Low Power, 4M/2M/1M/512K-bit
P25T22L PUYA-P25T22L Datasheet
1Mb / 45P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
P25T22H PUYA-P25T22H Datasheet
1Mb / 44P
Ultra Low Power, 2M/1M-bit Serial Standard and Dual I/O Flash Memory Datasheet
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com