Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY514400B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HY514400B
Description  1Mx4, Fast Page mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HY514400B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  HY514400B Datasheet HTML 1Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 2Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 3Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 4Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 5Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 6Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 7Page - List of Unclassifed Manufacturers HY514400B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HY514400B
NOTE
8
CAPACITANCE
Symbol
CIN1
Parameter
Input Capacitance (A0~A9)
Max
5
Unit
pF
CIN2
Input Capacitance (/RAS, /CAS, /WE, /OE)
7
pF
CDQ
Data Input / Output Capacitance (DQ0~DQ3)
7
pF
(TA = 25
°C, VCC = 5V ± 10%, VSS = 0V and f=1MHz, unless otherwise noted.)
Typ.
-
-
-
1Mx4,FP DRAM
Rev.10 / Jan.97
1. An initial pause of 200
µs is required after power-up followed by 8 /RAS only refresh cycles before proper
device operation is achieved. In case of using internal refresh counter, a minimum of 8 CBR refresh cycles instead of
8 /RAS-only refresh cycles are required.
2. If /RAS=Vss during power-up,the HY514400B could begin an active cycle. This condition results in higher current than
necessary current which is demanded from the power supply during power-up. It is recommended that /RAS and /CAS
track with Vcc during power-up or be held at a valid VIH in other to minimize the power-up current.
3. VIH(min.) and VIL(max.) are reference levels for measuring timing of input signals. Transition times are measured
between VIH(min.) and VIL(max.),and are assumed to be 5ns for all inputs.
4. Measured at VOH=2.0V and VOL=0.8V with a load equivalent to 2TTL loads and 100pF.
5. tOFF(max.) and tOEZ define the time at which the output achieves the open circuit condition and is not referenced to
output voltage levels.
6. Either tRCH or tRRH must be satisfied for a read cycle.
7. tCEZ and tOEZ define the time at which the output achieves the open circuit condition and is not referenced
to output voltage levels.
8. tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as
electrical characteristics only. If tWCS
≥ tWCS(min.), the cycle is an early write cycle and data out pin will remain open
circuit (high impedance) through the entire cycle. If tRWD
≥ tRWD(min.), tCWD ≥ tCWD(min.), tAWD ≥ tAWD(min), and tCPWD
tCPWD(min.), the cycle is a read-modify-write cycle and data out will contain data read from the selected cell. If neither
of the above sets of conditions is satisfied, the condition of the data out (at access time) is indeterminate.
9. Operation within the tRCD(max.) limit ensures that tRAC(max.) can be met. tRCD(max.) is specified as a reference point only.
If tRCD is greater than the specified tRCD(max.) limit, then access time is controlled by tCAC.
10.Operation within the tRAD(max.) limit ensures that tRAC(max.) can be met. tRAD(max.) is specified as a reference point only.
If tRAD is greater than the specified tRAD(max.) limit, then access time is controlled by tAA.
11.tREF(max.)=128ms is applied to SL-parts only.
12.A burst of 1024 CBR refresh cycles must be executed within 16ms (128ms for SL-part) after exiting self refresh.
13.When CAS goes low at the same time, 4bits data are written into the device.
14.These parameters are determined by the earlier falling edge of /CAS.
15.These parameters are determined by the later rising edge of /CAS.
16.tCWL must be satisfied by /CAS for 4bits access cycle.
17.tCP and tCPT are measured when /CAS and is high state.


Similar Part No. - HY514400B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY514400 ETC1-HY514400 Datasheet
916Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400A ETC1-HY514400A Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400AJ ETC1-HY514400AJ Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400ALJ ETC1-HY514400ALJ Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400ALR ETC1-HY514400ALR Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
More results

Similar Description - HY514400B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
logo
Austin Semiconductor
AS4C1024 AUSTIN-AS4C1024 Datasheet
5Mb / 11P
   FAST PAGE MODE
REV. 10
AS4C4067 AUSTIN-AS4C4067 Datasheet
3Mb / 10P
   FAST PAGE MODE
REV. 10
AS4C1259 AUSTIN-AS4C1259 Datasheet
1Mb / 10P
   FAST PAGE MODE
REV. 10
logo
Micross Components
MT4C4001J MICROSS-MT4C4001J Datasheet
814Kb / 21P
   FAST PAGE MODE access cycle
logo
Integrated Silicon Solu...
IS41LV44052B ISSI-IS41LV44052B Datasheet
314Kb / 17P
   Fast Page Mode Access Cycle
logo
List of Unclassifed Man...
MT4C4256 ETC1-MT4C4256 Datasheet
632Kb / 13P
   256K X 4RAM(FAST PAGE MODE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com