Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100882001 Datasheet(PDF) 5 Page - MKS Instruments.

Part # 100882001
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100882001 Datasheet(HTML) 5 Page - MKS Instruments.

  100882001 Datasheet HTML 1Page - MKS Instruments. 100882001 Datasheet HTML 2Page - MKS Instruments. 100882001 Datasheet HTML 3Page - MKS Instruments. 100882001 Datasheet HTML 4Page - MKS Instruments. 100882001 Datasheet HTML 5Page - MKS Instruments. 100882001 Datasheet HTML 6Page - MKS Instruments. 100882001 Datasheet HTML 7Page - MKS Instruments. 100882001 Datasheet HTML 8Page - MKS Instruments. 100882001 Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Ordering Information
CF Flanges
in/(mm)
Flange Size
For Tubing OD
Rotatable /
Non-Rotatable
Bolt Holes
Part Number
1 1/3
1 1/3
1 1/3
1 1/3
1 1/3
1 1/3
1 1/3
1 1/3
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 1/8
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
2 3/4
Blank
Blank
Blank
Blank
.75 (19)
.75 (19)
.75 (19)
.75 (19)
Blank
Blank
Blank
Blank
.25 (6)
.25 (6)
.25 (6)
.25 (6)
.50 (13)
.50 (13)
.50 (13)
.50 (13)
.75 (19)
.75 (19)
.75 (19)
.75 (19)
1.00 (25)
1.00 (25)
1.00 (25)
1.00 (25)
Blank
Blank
Blank
Blank
.25 (6)
.25 (6)
.25 (6)
.25 (6)
.50 (13)
.50 (13)
.50 (13)
.50 (13)
.75 (19)
.75 (19)
.75 (19)
.75 (19)
1.00 (25)
1.00 (25)
1.00 (25)
1.00 (25)
1.25 (32)
1.25 (32)
1.25 (32)
1.25 (32)
1.50 (38)
1.50 (38)
1.50 (38)
1.50 (38)
1.75 (45)
1.75 (45)
1.75 (45)
1.75 (45)
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
100881014
100881021
100881000
100881007
100881018
100881025
100881004
100881011
100882010
100882015
100882000
100882005
100882011
100882016
100882001
100882006
100882012
100882017
100882002
100882007
100882013
100882018
100882003
100882008
100882014
100882019
100882004
100882009
100883014
100883021
100883000
100883007
100883015
100883022
100883001
100883008
100883016
100883023
100883002
100883009
100883017
100883024
100883003
100883010
100883018
100883025
100883004
100883011
100883019
100883026
100883005
100883012
100883020
100883027
100883006
100883013
100883065
100883067
100883064
100883066


Similar Part No. - 100882001

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100882001

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com