Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100882001 Datasheet(PDF) 3 Page - MKS Instruments.

Part # 100882001
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100882001 Datasheet(HTML) 3 Page - MKS Instruments.

  100882001 Datasheet HTML 1Page - MKS Instruments. 100882001 Datasheet HTML 2Page - MKS Instruments. 100882001 Datasheet HTML 3Page - MKS Instruments. 100882001 Datasheet HTML 4Page - MKS Instruments. 100882001 Datasheet HTML 5Page - MKS Instruments. 100882001 Datasheet HTML 6Page - MKS Instruments. 100882001 Datasheet HTML 7Page - MKS Instruments. 100882001 Datasheet HTML 8Page - MKS Instruments. 100882001 Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Series 88 Components
Gasket
Non-rotatable
Flange
Rotatable
Flange
Figure 1 —
CF Flange Installation
Standard size inch tubing provides easy and economical
connection to the user’s equipment. Full and half nipples,
adapters to a variety of other connection elements, tees,
elbows, crosses, and flexible metal hoses for vibration
isolation and movement give the line added versatility.
With its extensive engineering capabilities, MKS provides
custom designed and manufactured shapes and sizes of
components. Custom vacuum chambers can be fabricated
as well as unique space and time saving fittings and
adapters.
table 1 - gaskets and torque
size
metal gasket Dimensions
in/(mm)
maximum torque
for sealing
ft./lbs
(newton-meters)
Outer Diameter
Inner Diameter
1 1/3''
0.84/(21)
0.64/(16)
5/(7)
2 1/8''
1.29/(33)
1.01/(26)
16/(22)
2 3/4''
1.90/(48)
1.45/(37)
16/(22)
3 3/8''
2.43/(62)
2.01/(51)
26/(35)
4 1/2''
3.24/(82)
2.51/(64)
26/(35)
4 5/8''
3.60/(91)
3.01/(76)
26/(35)
Note: Metal gaskets are .08'' thick.
specifications
Minimum Pressure
(with metal seals)
10
-13 Torr
Leak Check
< 10
-9 std-cc/s
Materials
Components
Gaskets
Bolts
Type 304 Stainless Steel
Copper, Silver Plated Copper or
Viton
Type 304 Stainless or Silver Plated
Stainless
Metal Gasket Thickness
.08''/(2.03 mm)


Similar Part No. - 100882001

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100882001

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com