Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23 Datasheet(PDF) 6 Page - MKS Instruments.

Part # 23
Description  bUTTWELD fittings
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

23 Datasheet(HTML) 6 Page - MKS Instruments.

  23 Datasheet HTML 1Page - MKS Instruments. 23 Datasheet HTML 2Page - MKS Instruments. 23 Datasheet HTML 3Page - MKS Instruments. 23 Datasheet HTML 4Page - MKS Instruments. 23 Datasheet HTML 5Page - MKS Instruments. 23 Datasheet HTML 6Page - MKS Instruments. 23 Datasheet HTML 7Page - MKS Instruments. 23 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
short stub braided Metal Hose
in.
oD
static bend
Radius
A
Part number
0.75
0.75
0.75
1.00
1.00
1.00
1.50
1.50
1.50
2.00
2.00
2.00
2.50
2.50
2.50
3.00
3.00
3.00
4.00
4.00
4.00
2.50
2.50
2.50
3.00
3.00
3.00
5.00
5.00
5.00
6.00
6.00
6.00
7.50
7.50
7.50
8.75
8.75
8.75
10.00
10.00
10.00
10.00
20.00
40.00
10.00
20.00
40.00
10.00
20.00
40.00
10.25
20.25
40.25
10.25
20.25
40.25
10.25
20.25
40.25
10.25
20.25
40.25
100006287
100006288
100006289
100006290
100006291
100006292
100006293
100006294
100006295
100006296
100006297
100006298
100006299
100006300
100006301
100006302
100006303
100006304
100006305
100006306
100006307
A
OD
Wall Thickness
.065”
Long stub braided Metal Hose
in.
oD
static bend
Radius
A
Part number
0.75
0.75
0.75
1.00
1.00
1.00
1.50
1.50
1.50
2.00
2.00
2.00
2.50
2.50
2.50
3.00
3.00
3.00
4.00
4.00
4.00
2.50
2.50
2.50
3.00
3.00
3.00
5.00
5.00
5.00
6.00
6.00
6.00
7.50
7.50
7.50
8.75
8.75
8.75
10.00
10.00
10.00
10.50
20.50
40.50
12.00
22.00
42.00
12.00
22.00
42.00
12.25
22.25
42.25
13.25
23.25
43.25
13.25
23.25
43.25
13.45
23.45
43.45
100006313
100006314
100006315
100006316
100006317
100006318
100006319
100006320
100006321
100006322
100006323
100006324
100006325
100006326
100006327
100006328
100006329
100006330
100006331
100006332
100006333
A
OD
Wall Thickness
.065”


Similar Description - 23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
logo
List of Unclassifed Man...
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
2015
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
MKS Instruments.
88 MKS-88 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com