Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23 Datasheet(PDF) 5 Page - MKS Instruments.

Part # 23
Description  bUTTWELD fittings
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

23 Datasheet(HTML) 5 Page - MKS Instruments.

  23 Datasheet HTML 1Page - MKS Instruments. 23 Datasheet HTML 2Page - MKS Instruments. 23 Datasheet HTML 3Page - MKS Instruments. 23 Datasheet HTML 4Page - MKS Instruments. 23 Datasheet HTML 5Page - MKS Instruments. 23 Datasheet HTML 6Page - MKS Instruments. 23 Datasheet HTML 7Page - MKS Instruments. 23 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
*Price per 10 foot length of tube
Concentric Reducer
in.
oD
Wall
Thickness
A
Part number
1.00 x 0.75
1.50 x 0.75
1.50 x 1.00
2.00 x 1.00
2.00 x 1.50
2.50 x 1.50
2.50 x 2.00
3.00 x 1.50
3.00 x 2.00
3.00 x 2.50
4.00 x 2.00
4.00 x 2.50
4.00 x 3.00
6.00 x 3.00
6.00 x 4.00
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.083
1.37
2.38
2.38
2.38
2.38
2.38
2.38
3.63
3.63
3.63
3.63
3.63
3.63
9.00
9.00
10023100CR075
10023150CR075
10023150CR100
10023200CR100
10023200CR150
10023250CR150
10023250CR200
10023300CR150
10023300CR200
10023300CR250
10023400CR200
10023400CR250
10023400CR300
10023600CR300
10023600CR400
OD
OD
A
End Cap
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
.065
.065
.065
.065
.065
.065
.065
.065
0.25
0.31
0.38
0.50
0.75
1.00
1.25
1.50
10023C050
10023C075
10023C100
10023C150
10023C200
10023C250
10023C300
10023C400
OD
A
Tubing
in.
oD
Wall
Thickness
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
8.00
10.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
.083
.120
.125
100314300
100314301
100314303
100314305
100314306
100764506
100764508
100764510
100764511
100764516
100764520
100764525
OD


Similar Description - 23

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
Pressure sensors with special fittings
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
MKS Instruments.
88 MKS-88 Datasheet
374Kb / 20P
CF Component Ultra high vacuum fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com