Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23 Datasheet(PDF) 4 Page - MKS Instruments.

Part # 23
Description  bUTTWELD fittings
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

23 Datasheet(HTML) 4 Page - MKS Instruments.

  23 Datasheet HTML 1Page - MKS Instruments. 23 Datasheet HTML 2Page - MKS Instruments. 23 Datasheet HTML 3Page - MKS Instruments. 23 Datasheet HTML 4Page - MKS Instruments. 23 Datasheet HTML 5Page - MKS Instruments. 23 Datasheet HTML 6Page - MKS Instruments. 23 Datasheet HTML 7Page - MKS Instruments. 23 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-Way Cross
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
0.75
1.88
1.88
2.25
3.00
3.00
3.25
3.88
5.00
100234X050
100234X075
100234X100
100234X150
100234X200
100234X250
100234X300
100234X400
100234X600
A
A
OD
Tee
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
0.75
1.88
1.88
2.25
3.00
3.00
3.25
3.88
5.00
10023T050
10023T075
10023T100
10023T150
10023T200
10023T250
10023T300
10023T400
10023T600
A
A
OD
B
A
W1
OD
W2
Reducing Tee
in.
oD
Wall
Thickness
A
b
Part number
W1
W2
1.00 x 0.50
1.00 x 0.75
1.50 x 0.50
1.50 x 0.75
1.50 x 1.00
2.00 x 0.50
2.00 x 0.75
2.00 x 1.00
2.00 x 1.50
2.50 x 0.75
2.50 x 1.50
2.50 x 2.00
3.00 x 0.75
3.00 x 1.50
3.00 x 2.00
3.00 x 2.50
4.00 x 0.75
4.00 x 1.50
4.00 x 2.00
6.00 x 0.75
6.00 x 1.50
6.00 x 4.00
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.083
.083
.083
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.065
.083
1.88
1.88
2.25
2.25
2.25
3.00
3.00
3.00
3.00
3.00
3.00
3.00
3.25
3.25
3.25
3.25
3.88
3.88
3.88
5.00
5.00
5.00
1.00
2.00
1.25
2.25
2.25
1.50
2.50
2.50
2.50
2.75
2.75
3.25
3.00
3.00
3.50
3.25
3.50
3.50
3.50
4.50
4.50
4.88
10023100RT050
10023100RT075
10023150RT050
10023150RT075
10023150RT100
10023200RT050
10023200RT075
10023200RT100
10023200RT150
10023250RT075
10023250RT150
10023250RT200
10023300RT075
10023300RT150
10023300RT200
10023300RT250
10023400RT075
10023400RT150
10023400RT200
10023600RT075
10023600RT150
10023600RT400


Similar Description - 23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
logo
List of Unclassifed Man...
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
2015
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
MKS Instruments.
88 MKS-88 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com