Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF6M-15LXP-6SC Datasheet(PDF) 5 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # PF6M-15LXP-6SC
Description  15W White/ Warm White Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PF6M-15LXP-6SC Datasheet(HTML) 5 Page - Elite Enterprises (H.K.) Co., Ltd.

  PF6M-15LXP-6SC Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 4Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 5Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 6Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 7Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 8Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 9Page - Elite Enterprises (H.K.) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Absolute Maximum Ratings
Parameter
DC Forward Current (mA)
Peak Pulsed Forward Current (mA)
Average Forward Current (mA)
ESD Sensitivity
(HBM per MIL-STD-883E Method 3015.7)
LED Junction Temperature (°C)
Aluminum-core PCB Temperature (°C)
Storage & Operating Temperature (°C)
White/Warm White
700
5
-40 to + 85
> ±500V
1000
700
120
85


Similar Part No. - PF6M-15LXP-6SC

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PF6M-10LVP-4SC ELITE-PF6M-10LVP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
PF6M-10LWP-4SC ELITE-PF6M-10LWP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
More results

Similar Description - PF6M-15LXP-6SC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
40-01-X4C-4NQB EVERLIGHT-40-01-X4C-4NQB Datasheet
139Kb / 8P
Warm White POWER LED
logo
NICHIA CORPORATION
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
WARM WHITE LED
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
WARM WHITE LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
WARM WHITE LED
logo
Elite Enterprises (H.K....
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
4W White/ Warm White Power LED
PM2B-4LXE-SD ELITE-PM2B-4LXE-SD Datasheet
1Mb / 16P
4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
4W White/ Warm White Power LED
PP6N-FLXX-3SC ELITE-PP6N-FLXX-3SC Datasheet
844Kb / 19P
0.5W White/ Warm White Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com