Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF6M-15LXP-6SC Datasheet(PDF) 7 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # PF6M-15LXP-6SC
Description  15W White/ Warm White Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PF6M-15LXP-6SC Datasheet(HTML) 7 Page - Elite Enterprises (H.K.) Co., Ltd.

Back Button PF6M-15LXP-6SC Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 4Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 5Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 6Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 7Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 8Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 9Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 10Page - Elite Enterprises (H.K.) Co., Ltd. PF6M-15LXP-6SC Datasheet HTML 11Page - Elite Enterprises (H.K.) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Color Bins
White Bin Structure
Bin Code
x
y
Typ. CCT
(K)
Bin Code
x
y
Typ. CCT
(K)
0.378
0.382
0.329
0.345
0.374
0.366
0.316
0.333
0.360
0.357
0.315
0.344
0.362
0.372
0.329
0.357
0.382
0.397
0.329
0.331
0.378
0.382
0.329
0.320
0.362
0.372
0.318
0.310
0.365
0.386
0.317
0.320
0.362
0.372
0.308
0.311
0.360
0.357
0.305
0.322
0.344
0.344
0.316
0.333
0.346
0.359
0.317
0.320
0.365
0.386
0.305
0.322
0.362
0.372
0.303
0.333
0.346
0.359
0.315
0.344
0.347
0.372
0.316
0.333
0.329
0.331
0.308
0.311
0.329
0.345
0.317
0.320
0.346
0.359
0.319
0.300
0.344
0.344
0.311
0.293
0.329
0.345
0.308
0.311
0.329
0.357
0.283
0.284
0.347
0.372
0.274
0.301
0.346
0.359
0.303
0.333
0.329
0.345
0.308
0.311
0.329
0.331
0.311
0.293
0.317
0.320
0.290
0.270
0.316
0.333
0.283
0.284
Tolerance on each color bin (x , y) is ± 0.01
Note: Although several bins are outlined, product availability in a particular bin varies by production run
and by product performance. Not all bins are available in all colors.
6650
T0
4300
WN
5970
TN
4300
WP
5970
5320
Y0
8000
U0
4750
X0
6650
UN
4750
XN
W0
5970
YA
8000
7
V0
5320
XP
6650
VN
Y0
V1
V0
YA
WA
X1
X0
W0
CCT 4500K
CCT 5000K
CCT 5500K
CCT 6000K
CCT 7000K
CCT 8000K


Similar Part No. - PF6M-15LXP-6SC

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PF6M-10LVP-4SC ELITE-PF6M-10LVP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
PF6M-10LWP-4SC ELITE-PF6M-10LWP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
More results

Similar Description - PF6M-15LXP-6SC

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PP6N-FLXX-3SC ELITE-PP6N-FLXX-3SC Datasheet
844Kb / 19P
   0.5W White/ Warm White Power LED
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
   4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
   4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PM2B-4LXE-SD ELITE-PM2B-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
logo
Everlight Electronics C...
40-01-X4C-4NQB EVERLIGHT-40-01-X4C-4NQB Datasheet
139Kb / 8P
   Warm White POWER LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com