Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXZ-500 Datasheet(PDF) 10 Page - TDK Electronics

Part # IXZ-500
Description  Dual-Axis Gyro
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IXZ-500 Datasheet(HTML) 10 Page - TDK Electronics

Back Button IXZ-500 Datasheet HTML 6Page - TDK Electronics IXZ-500 Datasheet HTML 7Page - TDK Electronics IXZ-500 Datasheet HTML 8Page - TDK Electronics IXZ-500 Datasheet HTML 9Page - TDK Electronics IXZ-500 Datasheet HTML 10Page - TDK Electronics IXZ-500 Datasheet HTML 11Page - TDK Electronics IXZ-500 Datasheet HTML 12Page - TDK Electronics IXZ-500 Datasheet HTML 13Page - TDK Electronics IXZ-500 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
IXZ-500 Dual-Axis Gyroscope
Product Specification
PS-IXZ-0500B-00-03
Release Date: 06/04/09
CONFIDENTIAL & PROPRIETARY
10 of 26
7.4
Reference Circuit
Figure 2
7.4.1
Bill of Material for External Components
Component
Specification
Low Pass Filter Capacitors
0.1µF ±20% / 10V
AGC Capacitors
0.22µF ±10% / 10V
VDD Bypass Capacitor
0.1µF ±20% / 10V
Charge Pump Capacitor
0.1µF ±20% / 25V
LDO Input Filter Capacitor
1.0µF / Ratings Dependent upon Supply Voltage
LDO Input Filter Resistor
2.2Ω ±1%
Low Pass Filter Resistors
750Ω ±1%
1.0µF
19
9
0.22µF
XAGC
6
0.22µF
ZAGC
15
AZ
24
X4.5OUT
7
14
20
16
2.2
750
0.1µF
IXZ-500
0.1µF
Memory
Trim
Demodulator
Oscillator
Demodulator
Oscillator
Coriolis
Sense
Output Gain
Output Gain
Z-Rate
Sensor
X-Rate
Sensor
VDD
1
VDD
Coriolis
Sense
Z4.5OUT
Charge Pump
GND
CPOUT
27
26
2
0.1µF/25V
12
300k
750
0.1µF
5
Supply
LDO
VDD
Z-OUT
Z4.5IN
X4.5IN
X-OUT
28
Gain
Low-Pass
Filter
+
Gain
Low-Pass
Filter
+
Auto Zero
Auto Zero
4.5X
4.5X
Optional
Optional
23
PTAT
Sensor
VREF
Reference
22


Similar Part No. - IXZ-500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-2020 TDK-IXZ-2020 Datasheet
473Kb / 27P
MEMS gyroscopes
IXZ-2510 TDK-IXZ-2510 Datasheet
984Kb / 46P
IXZ-2510
More results

Similar Description - IXZ-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISZ-650 ETC-ISZ-650 Datasheet
581Kb / 24P
Single-Axis Z-Gyro Product Specification
ISZ-500 ETC2-ISZ-500 Datasheet
576Kb / 24P
ISZ-500 Single-Axis Z-Gyro Product Specification
logo
TDK Electronics
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
GYRO SENSOR
logo
TE Connectivity Ltd
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
Programmable Dual-Axis
REV. C
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com