Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXZ-500 Datasheet(PDF) 1 Page - TDK Electronics

Part # IXZ-500
Description  Dual-Axis Gyro
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IXZ-500 Datasheet(HTML) 1 Page - TDK Electronics

  IXZ-500 Datasheet HTML 1Page - TDK Electronics IXZ-500 Datasheet HTML 2Page - TDK Electronics IXZ-500 Datasheet HTML 3Page - TDK Electronics IXZ-500 Datasheet HTML 4Page - TDK Electronics IXZ-500 Datasheet HTML 5Page - TDK Electronics IXZ-500 Datasheet HTML 6Page - TDK Electronics IXZ-500 Datasheet HTML 7Page - TDK Electronics IXZ-500 Datasheet HTML 8Page - TDK Electronics IXZ-500 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
InvenSense Inc.
1197 Borregas Ave, Sunnyvale, CA 94089 U.S.A.
Tel: +1 (408) 988-7339 Fax: +1 (408) 988-8104
Website: www.invensense.com
PS-IXZ-0500B-00-03
Release Date: 06/04/09
IXZ-500 Dual-Axis Gyro
Product Specification
A printed copy of this document is
NOT UNDER REVISION CONTROL
unless it is dated and stamped in red ink as,
“REVISION CONTROLLED COPY.”
This information furnished by InvenSense is believed to be accurate and reliable. However, no responsibility is assumed by InvenSense for its use, or for
any infringements of patents or other rights of third parties that may result from its use. Specifications are subject to change without notice. InvenSense
reserves the right to make changes to this product, including its circuits and software, in order to improve its design and/or performance, without prior
notice. InvenSense makes no warranties, neither expressed nor implied, regarding the information and specifications contained in this document.
InvenSense assumes no responsibility for any claims or damages arising from information contained in this document, or from the use of products and
services detailed therein. This includes, but is not limited to, claims or damages based on the infringement of patents, copyrights, mask work and/or other
intellectual property rights.
Certain intellectual property owned by InvenSense and described in this document is patent protected. No license is granted by implication or otherwise
under any patent or patent rights of InvenSense. This publication supersedes and replaces all information previously supplied. Trademarks that are
registered trademarks are the property of their respective companies. InvenSense sensors should not be used or sold in the development, storage,
production or utilization of any conventional or mass-destructive weapons or any other weapons or life threatening applications, as well as in any other life
critical applications such as medical equipment, transportation, aerospace and nuclear instruments, undersea equipment, power plant equipment, disaster
prevention and crime prevention equipment.
Copyright © 2009, InvenSense, Inc.
Component Distributors, Inc.
1-800-777-7334
www.cdiweb.com
sales@cdiweb.com


Similar Part No. - IXZ-500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-2020 TDK-IXZ-2020 Datasheet
473Kb / 27P
MEMS gyroscopes
IXZ-2510 TDK-IXZ-2510 Datasheet
984Kb / 46P
IXZ-2510
More results

Similar Description - IXZ-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISZ-650 ETC-ISZ-650 Datasheet
581Kb / 24P
Single-Axis Z-Gyro Product Specification
ISZ-500 ETC2-ISZ-500 Datasheet
576Kb / 24P
ISZ-500 Single-Axis Z-Gyro Product Specification
logo
TDK Electronics
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
GYRO SENSOR
logo
TE Connectivity Ltd
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
Programmable Dual-Axis
REV. C
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com