Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXZ-500 Datasheet(PDF) 9 Page - TDK Electronics

Part # IXZ-500
Description  Dual-Axis Gyro
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IXZ-500 Datasheet(HTML) 9 Page - TDK Electronics

Back Button IXZ-500 Datasheet HTML 5Page - TDK Electronics IXZ-500 Datasheet HTML 6Page - TDK Electronics IXZ-500 Datasheet HTML 7Page - TDK Electronics IXZ-500 Datasheet HTML 8Page - TDK Electronics IXZ-500 Datasheet HTML 9Page - TDK Electronics IXZ-500 Datasheet HTML 10Page - TDK Electronics IXZ-500 Datasheet HTML 11Page - TDK Electronics IXZ-500 Datasheet HTML 12Page - TDK Electronics IXZ-500 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IXZ-500 Dual-Axis Gyroscope
Product Specification
PS-IXZ-0500B-00-03
Release Date: 06/04/09
CONFIDENTIAL & PROPRIETARY
9 of 26
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY (VDD)
Operating Voltage Range
Quiescent Supply Current
Supply Current Change Over
Specified Temperature
2.7
3.0
6.5
±2
3.3
V
mA
mA
TEMPERATURE SENSOR
Sensitivity
Offset
Output Impedance
Range -20 to +85°C
4
1.25
12
mV/°C
V
kΩ
TEMPERATURE RANGE
Specified Temperature Range
-20
+85
°C
7.2
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Power Supply Voltage (VDD)
2.7
3.0
3.3
V
Power Supply Voltage (VDD)
Rise Time (10% - 90%)
20
ms
7.3
Absolute Maximum Ratings
Stress above those listed as “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device under these conditions is not implied. Exposure
to the absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Rating
Supply Voltage
-0.3V to +3.6V
Acceleration (Any Axis, unpowered)
10,000g for 0.3ms
Operating Temperature Range
-40 to +105°C
Storage Temperature Range
-40 to +125°C


Similar Part No. - IXZ-500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-2020 TDK-IXZ-2020 Datasheet
473Kb / 27P
   MEMS gyroscopes
IXZ-2510 TDK-IXZ-2510 Datasheet
984Kb / 46P
   IXZ-2510
More results

Similar Description - IXZ-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISZ-650 ETC-ISZ-650 Datasheet
581Kb / 24P
   Single-Axis Z-Gyro Product Specification
ISZ-500 ETC2-ISZ-500 Datasheet
576Kb / 24P
   ISZ-500 Single-Axis Z-Gyro Product Specification
logo
TDK Electronics
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
   High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
   GYRO SENSOR
logo
TE Connectivity Ltd
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
   Programmable Dual-Axis
REV. C
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com