Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXZ-500 Datasheet(PDF) 8 Page - TDK Electronics

Part # IXZ-500
Description  Dual-Axis Gyro
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IXZ-500 Datasheet(HTML) 8 Page - TDK Electronics

Back Button IXZ-500 Datasheet HTML 4Page - TDK Electronics IXZ-500 Datasheet HTML 5Page - TDK Electronics IXZ-500 Datasheet HTML 6Page - TDK Electronics IXZ-500 Datasheet HTML 7Page - TDK Electronics IXZ-500 Datasheet HTML 8Page - TDK Electronics IXZ-500 Datasheet HTML 9Page - TDK Electronics IXZ-500 Datasheet HTML 10Page - TDK Electronics IXZ-500 Datasheet HTML 11Page - TDK Electronics IXZ-500 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
IXZ-500 Dual-Axis Gyroscope
Product Specification
PS-IXZ-0500B-00-03
Release Date: 06/04/09
CONFIDENTIAL & PROPRIETARY
8 of 26
7. Specification
7.1
Specified Parameters
All parameters specified are @ VDD = 3.0 V and TA = 25°C. External LPF @ 2kHz. All specifications apply to both axes.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SENSITIVITY
Full-Scale Range
Sensitivity
Initial Calibration Tolerance
Calibration Drift Over Specified
Temperature
Nonlinearity
Cross-axis Sensitivity
At X-OUT and Z-OUT
At X4.5OUT and Z4.5OUT
At X-OUT and Z-OUT
At X4.5OUT and Z4.5OUT
At X-OUT and Z-OUT
At X-OUT and Z-OUT
At X-OUT and Z-OUT, Best Fit Straight Line
±500
±110
2.0
9.1
±6
±10
<1
±1
°/s
°/s
mV/°/s
mV/°/s
%
%
% of FS
%
REFERENCE
Voltage (VREF)
Tolerance
Load Drive
Capacitive Load Drive
Power Supply Rejection
Reference Drift Over Specified
Temperature
Load directly connected to VREF
VDD= 2.7V to 3.3V
1.35
±50
100
100
6
±5
V
mV
µA
pF
mV/V
mV
ZERO-RATE OUTPUT (ZRO)
Static Output (Bias)
Factory Set
1.35
V
Initial Calibration Tolerance
Relative to VREF
With Auto Zero
±20
mV
Without Auto Zero
±250
ZRO Drift Over Specified
Temperature
±80
mV
Power Supply Sensitivity
@ 50 Hz
50
°/sec/V
FREQUENCY RESPONSE
High Frequency Cutoff
LPF Phase Delay
Internal LPF -90°
10Hz
140
-4.5
Hz
°
MECHANICAL FREQUENCIES
X-Axis Resonant Frequency
Z-Axis Resonant Frequency
Frequency Separation
X and Z Gyroscopes
20
26
24
30
6
28
34
kHz
kHz
kHz
NOISE PERFORMANCE
Total RMS Noise
Bandwidth 1Hz to 1kHz, At X-OUT and Z-OUT
0.8
mV rms
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
Capacitive Load Drive
Output Impedance
Load = 100kΩ to Vdd/2
0.05
100
200
Vdd-0.05
V
pF
POWER ON-TIME
Zero-rate Output
Settling to ±5°/s
50
ms
AUTO ZERO CONTROL
Auto Zero Logic High
Auto Zero Logic Low
Auto Zero Pulse Duration
Offset Settle Time After Auto Zero
Rising Input
Falling Input
2
1.9
0.9
7
1500
V
V
µsec
msec


Similar Part No. - IXZ-500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-2020 TDK-IXZ-2020 Datasheet
473Kb / 27P
MEMS gyroscopes
IXZ-2510 TDK-IXZ-2510 Datasheet
984Kb / 46P
IXZ-2510
More results

Similar Description - IXZ-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISZ-650 ETC-ISZ-650 Datasheet
581Kb / 24P
Single-Axis Z-Gyro Product Specification
ISZ-500 ETC2-ISZ-500 Datasheet
576Kb / 24P
ISZ-500 Single-Axis Z-Gyro Product Specification
logo
TDK Electronics
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
GYRO SENSOR
logo
TE Connectivity Ltd
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
Programmable Dual-Axis
REV. C
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com