Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXZ-500 Datasheet(PDF) 7 Page - TDK Electronics

Part # IXZ-500
Description  Dual-Axis Gyro
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IXZ-500 Datasheet(HTML) 7 Page - TDK Electronics

Back Button IXZ-500 Datasheet HTML 3Page - TDK Electronics IXZ-500 Datasheet HTML 4Page - TDK Electronics IXZ-500 Datasheet HTML 5Page - TDK Electronics IXZ-500 Datasheet HTML 6Page - TDK Electronics IXZ-500 Datasheet HTML 7Page - TDK Electronics IXZ-500 Datasheet HTML 8Page - TDK Electronics IXZ-500 Datasheet HTML 9Page - TDK Electronics IXZ-500 Datasheet HTML 10Page - TDK Electronics IXZ-500 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
IXZ-500 Dual-Axis Gyroscope
Product Specification
PS-IXZ-0500B-00-03
Release Date: 06/04/09
CONFIDENTIAL & PROPRIETARY
7 of 26
6.4
Amplitude Control
The scale factor of the gyroscope depends on the amplitude of the mechanical motion and the trim setting of
the internal programmable gain stages. The oscillation circuit precisely controls the amplitude to maintain
constant sensitivity over the temperature range. The capacitors (0.22µF ±10%) connected to Pin 6 (XAGC)
and Pin 15 (ZAGC) are compensation capacitors for the amplitude control loops.
6.5
Coriolis Sense
Rotating the sensor about the X- or Z-Axis results in a Coriolis force on the corresponding X- or Z-rate
sensor. The Coriolis force causes the mechanical structure to vibrate. The resulting vibration is detected by
measuring the capacitance change between the mechanical structure and fixed electrodes. This signal is
converted to a voltage waveform by means of low-noise charge integrating amplifier and amplification
stages.
6.6
Demodulator
The output of the Coriolis sense is an amplitude modulated waveform. The amplitude corresponds to the
rotation rate, and the carrier frequency is the mechanical drive frequency. The synchronous demodulator
converts the Coriolis sense waveform to the low-frequency, angular rate signal.
6.7
Low-Pass Filter
After the demodulation stage, there is a low-pass filter. This filter attenuates noise and high frequency
artifacts before final amplification.
6.8
Auto Zero
The Auto Zero function is used to reduce DC offset caused by bias drift. The use of this function will vary by
application requirement. Pin 24 (AZ) is used to set the Auto Zero function, resetting the bias to approximately
VREF.
6.9
Temperature Sensor
A built-in Proportional-To-Absolute-Temperature (PTAT) sensor provides temperature information on Pin 23.
6.10 Charge Pump
The on-chip charge pump generates the voltage required to oscillate the mechanical structure.
6.11 Memory Trim
The on-chip memory is used to select the gyro’s sensitivity, calibrate the sensitivity, null DC offsets and
select the low-pass filter option
6.12 Scale Factor
The Rate-Out of the gyro is not ratiometric to the supply voltage. The scale factor is calibrated at the factory
and is nominally independent of supply voltage.
6.13 Reference Voltage
The gyro includes a bandgap reference circuit. The output voltage is typically 1.35V and is nominally
independent of temperature. The zero-rate signal is nominally equal to the reference value.
6.14 Analog Outputs
The IXZ-500 gyro has two X-outputs (X-OUT and X4.5OUT) and two Z-outputs (Z-OUT and Z4.5OUT), with
scale factors and full-scale sensitivities that vary by a factor of 4.5, as detailed in Section 8.2.7.
Having two sensitivities and two full-scale ranges per output allows the end user to have one output that can
be used for faster motions (over a full scale range of ±500º/sec), and a second output that can be used for
slower motions (over a full scale range of ±110º/sec). Thus a lower-resolution analog-to-digital converter
(ADC) may be used to digitize the motion, with the gain of 4.5 in the _4.5OUT output effectively giving the
user additional two-plus bits of resolution.


Similar Part No. - IXZ-500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-2020 TDK-IXZ-2020 Datasheet
473Kb / 27P
MEMS gyroscopes
IXZ-2510 TDK-IXZ-2510 Datasheet
984Kb / 46P
IXZ-2510
More results

Similar Description - IXZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
Programmable Dual-Axis
REV. C
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
List of Unclassifed Man...
ISZ-500 ETC2-ISZ-500 Datasheet
576Kb / 24P
ISZ-500 Single-Axis Z-Gyro Product Specification
ISZ-650 ETC-ISZ-650 Datasheet
581Kb / 24P
Single-Axis Z-Gyro Product Specification
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
TDK Electronics
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
GYRO SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com