Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXZ-500 Datasheet(PDF) 5 Page - TDK Electronics

Part # IXZ-500
Description  Dual-Axis Gyro
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IXZ-500 Datasheet(HTML) 5 Page - TDK Electronics

  IXZ-500 Datasheet HTML 1Page - TDK Electronics IXZ-500 Datasheet HTML 2Page - TDK Electronics IXZ-500 Datasheet HTML 3Page - TDK Electronics IXZ-500 Datasheet HTML 4Page - TDK Electronics IXZ-500 Datasheet HTML 5Page - TDK Electronics IXZ-500 Datasheet HTML 6Page - TDK Electronics IXZ-500 Datasheet HTML 7Page - TDK Electronics IXZ-500 Datasheet HTML 8Page - TDK Electronics IXZ-500 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IXZ-500 Dual-Axis Gyroscope
Product Specification
PS-IXZ-0500B-00-03
Release Date: 06/04/09
CONFIDENTIAL & PROPRIETARY
5 of 26
2. Purpose
The purpose of this document is to provide a detailed product description and design-related information
regarding the IXZ-500 dual-axis gyroscope.
3. Product Overview
The IXZ™ family of dual-axis MEMS gyroscopes feature the world’s first roll/yaw (X and Z-axis) MEMS gyros
that meet the in-plane mounting requirements of remote controls and interactive game controllers for digital
TVs, IPTVs, set top boxes, media centers and PCs. Traditionally, designers of remote controls have had to
use two single Z-axis or one dual-axis X/Y gyroscope, which because of their axes of sensitivity, required a
daughter card for mounting the angular rate sensors perpendicular to the rest of the system electronics. The
in-plane mounting of the IXZ family overcomes this limitation, enabling compelling form-factor designs.
The IXZ-500 is uniquely suited for motion-controlled menu-navigation applications. The device features a
primary output with a ±500°/sec full scale range, for measuring higher speed motions, and has a secondary
output with a ±110°/sec full-scale range, for sensing more precise movements. These dual outputs allow the
system designer to use an analog-to-digital-converter (ADC) with two fewer bits, saving overall system cost.
The IXZ-500 leverages InvenSense’s patented and volume-proven Nasiri-Fabrication platform, which
integrates MEMS wafers with companion CMOS electronics through wafer-level bonding to produce a
functionally complete, low-cost motion sensor. All required conditioning electronics are integrated into a
single chip measuring 4x5x1.2mm. It incorporates X- and Z-axis low-pass filters and an EEPROM for on-
chip factory calibration of the sensor. Factory trimmed scale factors eliminate the need for external active
components and end-user calibration.
A built-in Proportional-To-Absolute-Temperature (PTAT) sensor
provides temperature compensation information. The product is RoHS and Green Compliant.
4. Features
Integrated X- and Z-axis gyros on a single chip with in-plane mounting
Two separate outputs per axis for higher speed motions and lower-speed precise movements:
500°/s full scale range (higher speed)
110°/s full scale range (high precision)
Integrated amplifiers and low-pass filters
Auto Zero function for bias calibration
On-chip temperature sensor
High vibration rejection over a wide frequency range
High cross-axis isolation by proprietary MEMS design
3V single supply operation
Hermetically sealed for temp and humidity resistance
10,000 g shock tolerant
Smallest dual axis gyro package at 4mm x 5mm x 1.2mm
RoHS and Green Compliant


Similar Part No. - IXZ-500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-2020 TDK-IXZ-2020 Datasheet
473Kb / 27P
MEMS gyroscopes
IXZ-2510 TDK-IXZ-2510 Datasheet
984Kb / 46P
IXZ-2510
More results

Similar Description - IXZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
Programmable Dual-Axis
REV. C
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
List of Unclassifed Man...
ISZ-500 ETC2-ISZ-500 Datasheet
576Kb / 24P
ISZ-500 Single-Axis Z-Gyro Product Specification
ISZ-650 ETC-ISZ-650 Datasheet
581Kb / 24P
Single-Axis Z-Gyro Product Specification
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
TDK Electronics
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
GYRO SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com