Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGS2611 Datasheet(PDF) 1 Page - Figaro Engineering Inc.

Part # TGS2611
Description  Detection of Methane
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS2611 Datasheet(HTML) 1 Page - Figaro Engineering Inc.

  TGS2611 Datasheet HTML 1Page - Figaro Engineering Inc. TGS2611 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT INFORMATION
Applications:
Features:
TGS 2611 - for the detection of Methane
* Domestic gas alarms
* Portable gas detectors
* Gas leak detector for gas appliances
* Low power consumption
* High sensitivity to methane
* Long life and low cost
* Uses simple electrical circuit
TGS2611-E00 Sensitivity Characteristics:
TGS2611-C00 Sensitivity Characteristics:
0.1
1
10
100
100
1000
10000
100000
Rs/Ro
Gas concentration (ppm)
Air
Ethanol
Hydrogen
Methane
Iso-butane
0.1
1
10
100
100
1000
10000
100000
Rs/Ro
Gas concentration (ppm)
Air
Ethanol
Hydrogen
Methane
Iso-butane
IMPORTANT NOTE: OPERATING CONDITIONS IN WHICH FIGARO SENSORS ARE USED WILL VARY WITH EACH CUSTOMER’S SPECIFIC APPLICATIONS. FIGARO STRONGLY
RECOMMENDS CONSULTING OUR TECHNICAL STAFF BEFORE DEPLOYING FIGARO SENSORS IN YOUR APPLICATION AND, IN PARTICULAR, WHEN CUSTOMER’S TARGET
GASES ARE NOT LISTED HEREIN. FIGARO CANNOT ASSUME ANY RESPONSIBILITY FOR ANY USE OF ITS SENSORS IN A PRODUCT OR APPLICATION FOR WHICH SENSOR HAS
NOT BEEN SPECIFICALLY TESTED BY FIGARO.
The figure below represents typical sensitivity characteristics, all data having been gathered at standard test conditions (see
reverse side of this sheet). The Y-axis is indicated as sensor resistance ratio (Rs/Ro) which is defined as follows:
Rs = Sensor resistance in displayed gases at various concentrations
Ro = Sensor resistance in 5000ppm of methane
TGS2611 is a semiconductor type gas sensor which combines very high
sensitivity to methane gas with low power consumption and long life. Due to
miniaturization of its sensing chip, TGS2611 requires a heater current of only
56mA and the device is housed in a standard TO-5 package.
The TGS2611 is available in two different models which have different external
housings but identical sensitivity to methane gas. Both models are able to satisfy
the requirements of performance standards such as UL1484 and EN50194.
TGS2611-C00 possesses small size and quick gas response, making it suitable
for gas leakage checkers.
TGS2611-E00 uses filter material in its housing which eliminates the influence
of interference gases such as alcohol, resulting in highly selective response to
methane gas. This feature makes the sensor ideal for residential gas leakage
detectors which require durability and resistance against interference gas.


Similar Part No. - TGS2611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
More results

Similar Description - TGS2611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
Figaro Engineering Inc.
FECS40-1000 FIGARO-FECS40-1000 Datasheet
352Kb / 2P
Detection of Carbon Monoxide
FECS41-250 FIGARO-FECS41-250 Datasheet
352Kb / 2P
Detection of Nitric Oxide
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
Detection of Nitrogen Dioxide
FECS43-20 FIGARO-FECS43-20 Datasheet
347Kb / 2P
Detection of Sulfur Dioxide
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
Detection of Chlorine
FECS50-100 FIGARO-FECS50-100 Datasheet
382Kb / 2P
Detection of Hydrogen Sulfide
TGS816 FIGARO-TGS816 Datasheet
130Kb / 2P
Detection of Combustible Gases
TGS3870-B00 FIGARO-TGS3870-B00 Datasheet
345Kb / 2P
Detection of both Methane Carbon Monoxide
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
Detection of Ammonia
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com