Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVR-1540SM Datasheet(PDF) 1 Page - DATEL, Inc.

Part # PVR-1540SM
Description  Precision Voltage Reference
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

PVR-1540SM Datasheet(HTML) 1 Page - DATEL, Inc.

  PVR-1540SM Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number PVR-1540SM, Precision Voltage Reference
Specifications
Output Voltage
+4.096 V
Initial Accuracy
0.2 %
Temperature Drift Coefficient
15 PPM/°C
Output Current
25 mA
Maximum Supply Voltage
5.5 V
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
RoHS
Yes
Package Type
Plastic SOT-23
The PVR-1540SM uses a proprietary technology that provides a very low drift and low
noise +4.096 Volts precision Voltage Reference thatreference. It can operates from a minimum of
4.2 Volts up to a maximum of 5.5 volts input voltages. This reference is one in a family of precision
voltage references from DATEL that ranges from 1.024 to 5.0 output volts and has a very low
voltage drift coefficient of 15PPM/°C maximum over temperature.
This low TC drift along with the precision initial accuracy of 1.0mV max makes the PVR-1540SM
the reference of choice for precision data acquisition applications. DATEL offers this converter in a
small low cost tiny SOT-23 plastic package fully tested over the operating temperature of -55°C to
+125°C with ATE results recorded and stored.
The PVR-1540SM is a low cost enhanced Commercial Off-The-Shelf (COTS) devices and is the
best choice for Ruggedized, Military, Avionics, Aerospace and Medical applications that does not
require Hermetic or full MIL-Standard 883 products.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
5/28/2019 | Page 1 of 1


Similar Part No. - PVR-1540SM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
263Kb / 3P
   4.096V Micropower Voltage Reference
More results

Similar Description - PVR-1540SM

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com